Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 17 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 17 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 13Page - ON Semiconductor FUSB307BMPX Datasheet HTML 14Page - ON Semiconductor FUSB307BMPX Datasheet HTML 15Page - ON Semiconductor FUSB307BMPX Datasheet HTML 16Page - ON Semiconductor FUSB307BMPX Datasheet HTML 17Page - ON Semiconductor FUSB307BMPX Datasheet HTML 18Page - ON Semiconductor FUSB307BMPX Datasheet HTML 19Page - ON Semiconductor FUSB307BMPX Datasheet HTML 20Page - ON Semiconductor FUSB307BMPX Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
FUSB307B
www.onsemi.com
17
Discharge during a Connection
The discharge functions can be manually activated via the
PWRCTRL.FORCE_DISCH
register.
The
discharge
pull−down is specified by RFULL_DISCH. The FUSB307B
will automatically disable discharge when VBUS reaches
VBUS_STOP_DISC threshold
Figure 16. Sink Discharge during a Connection
PWRCTRL.FORCE_DISCH
Apply RFORCE
VBUS_STOP_DISC
time
VBUS
tSrcSettle
vSrcNew
Sink Discharge during a Connection
When the device is operating as a sink and it receives a
Hard Reset or a Power Role Swap, the automatic discharge
circuitry and SNK output will be disabled by the host
processor to avoid a disconnect detection.
Watchdog Timer
The watchdog timer functionality is enabled whenever
TCPC_CTRL.EN_WATCHDOG is set to 1b. The watchdog
timer should only be enabled after an attach when the device
is
in
Attached.Src,
Attached.Snk
or
Apply.ROLECONTROL states. The watchdog timer starts
when any of the interrupts that are not masked in the Alert
register are set or when the INTB pin is asserted. The
watchdog timer is cleared on an I2C access by the TCPM
(either read or write). If the INTB pin is still asserted after
this I2C access, the watchdog timer will reinitialize and start
monitoring again until all of the Alerts are cleared or until
the INTB pin is de−asserted.
When the watchdog timer expires, the FUSB307B will
immediately disconnect the CC terminations by setting
ROLE_CONTROL bits
3..0
to
1111b,
disable
all
SRC/SRC_HV or SNK outputs, discharge VBUS to
vSafe0V, and set FAULT_STATUS.I2CInterfaceError.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com