Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FUSB307BMPX Datasheet(PDF) 34 Page - ON Semiconductor

Part # FUSB307BMPX
Description  USB Type-C Port Controller with USB-PD
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FUSB307BMPX Datasheet(HTML) 34 Page - ON Semiconductor

Back Button FUSB307BMPX Datasheet HTML 30Page - ON Semiconductor FUSB307BMPX Datasheet HTML 31Page - ON Semiconductor FUSB307BMPX Datasheet HTML 32Page - ON Semiconductor FUSB307BMPX Datasheet HTML 33Page - ON Semiconductor FUSB307BMPX Datasheet HTML 34Page - ON Semiconductor FUSB307BMPX Datasheet HTML 35Page - ON Semiconductor FUSB307BMPX Datasheet HTML 36Page - ON Semiconductor FUSB307BMPX Datasheet HTML 37Page - ON Semiconductor FUSB307BMPX Datasheet HTML 38Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
www.onsemi.com
34
Table 31. ALERTL
Address: 10h
Reset Value: 0x00
Type: Read, Write 1 to Clear
Bit #
Name
R/W/C
Size (Bits)
ALERT1 Description
7
I_VBUS_ALRM_HI
R/WC
1
Voltage Alarm Hi
0b: Cleared
1b: A high−voltage alarm has occurred
6
I_TXSUCC
R/WC
1
0b: Cleared
1b: Reset or SOP* message transmission successful.
GoodCRC response received on SOP* message transmission.
Transmit SOP* message buffer registers are empty
5
I_TXDISC
R/WC
1
0b: Cleared
1b: Reset or SOP* message transmission not sent due to
incoming receive message. Transmit SOP* message buffer
registers are empty
4
I_TXFAIL
R/WC
1
0b: Cleared
1b: SOP* message transmission not successful, no GoodCRC re-
sponse received on SOP* message transmission.
Transmit SOP* message buffer registers are empty.
3
I_RXHRDRST
R/WC
1
Received Hard Reset
0b: Cleared
1b: Received Hard Reset message
2
I_RXSTAT
R/WC
1
Receive Status
0b: Cleared
1b: RXSTAT changed. RXBYTECNT being 0 does not set this regis-
ter
1
I_PORT_PWR
(Note 18)
R/WC
1
Port Power Status
0b: Cleared
1b: Port status changed. Read PWRSTAT register
0
I_CCSTAT
R/WC
1
CC Status
0b: Cleared
1b: CC status changed. Read CCSTAT register
18. ALERTL.I_PORT_PWR is asserted if the bit−wise AND of PWRSTAT and PWRSTAMSK results in any bits that have the value 1
.
I_VBUS_SNK_DISC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com