Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 22 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 22 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 18Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 19Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 20Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 21Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 22Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 23Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 24Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 25Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 26Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
CM312 Quad Serial utilityModule
12
RTD Embedded Technologies, Inc.
Locations
The figure below shows connector locations.
CN1
CN2
CN3
CN4
CN5
CN6
CN14
CN8
CN10
U14
F1
Figure 2 Connector Locations
Table 4 Connector Table
Connector
Function
Size
CN1
PC/104 XT Bus
64 pin
CN2
PC/104 AT Bus
40 pin
CN3
1
st COM port
10 pin
CN4
2
nd COM port
10 pin
CN5
3
rd COM port
10 pin
CN6
4
th COM port
10 pin
CN8
10Base-T
RJ45
CN10
10Base-T
10 pin
CN14
10Base-2
BNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com