Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 31Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 32Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 33Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 34Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 35Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 36Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 37Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 56 page
background image
CM312 Quad Serial utilityModule
24
RTD Embedded Technologies, Inc.
Interrupt Sharing
Interrupt sharing is a mechanism which allows different devices sharing same active high IRQ lines
on the PC/104 bus, given that there is a interrupt sharing circuit associated with each device.
The
utilityModule provides interrupt-sharing circuits for all the serial ports; thus it allows sharing of
one IRQ line among the serial ports in the utilityModule. However, user needs to be careful to
share an IRQ line with devices in the system elsewhere, and be sure that other devices also share
their IRQ lines as well. For instance, users should be aware of that the IRQ3/IRQ4 associated with
serial port J3/J4 on RTDUSA cpuModule are not shareable. And if the utilityModule is in the
same system with RTDUSA cpuModule, be advised not to use/share IRQ3/IRQ4 for the
utilityModule unless you have serial ports on the cpuModule disabled.
Interrupt sharing in a PC/104 system requires one 1K pull-down resistor per IRQ line for all the
devices that share the IRQ. Installing a G jumper in the utilityModule will pull its associated IRQ
line down with 1K resistor. That is, for example, if IRQn is shared among four serial ports on the
utilityModule, only one G jumper needs to be installed for IRQn line. If more than one G jumper
are installed, the pull-down on IRQn line will be much stronger that expected 1K ohm, which will
prevent interrupt controller from functioning correctly.
Let consider two cases to demonstrate the concepts for the above discussion. Let us assume that
IRQ5 and IRQ10 are not used and driven by other devices in the system. For the first case, IRQ10
line is shared among the four serial ports and for the second case IRQ5 is shared for port 1 and
port 2, while IRQ10 is shared among port 3 and port 4.
The following two tables listed the interrupt jumper settings for each case respectively.
Table 11 Jumper Settings for interrupt sharing Case 1
Jumper
Setting
Function
JP1
G jumper
13-14
Installed
IRQ10 for 1
st COM port
1K pull down resister added on IRQ10
from PORT1
JP2
G jumper
13-14
Removed
IRQ10 for 2
nd COM port
No pull down resister added on IRQ10
from PORT2
JP3
G jumper
13-14
Removed
IRQ10 for 3
rd COM port
No pull down resister added on IRQ10
from PORT3
JP4
G jumper
13-14
Removed
IRQ10 for 4
th COM port
No pull down resister added on IRQ10
from PORT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com