Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 29 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 29 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 25Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 26Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 27Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 28Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 29Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 31Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 32Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 33Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
CM312 Quad Serial utilityModule
19
RTD Embedded Technologies, Inc.
Common Register definitions
BA + 0 – Interrupt Status (Read Only)
7
6
5
4
3
2
1
0
Reserved
Reserved
TxRDY*
RxRDY*
CN6
CN5
CN4
CN3
For each CNx bit:
0 = Not interrupting
1 = Interrupt set
TxRDY*
0 = indicates a buffer ready for at least one of the four transmit channels
1 = indicates that all transmit buffers are full
RxRDY*
0 = indicates one or more of the receive channels has data ready to read
1 = indicates that all receive buffers are empty
Reserved reads as 0
BA + 1 – Address Switch (Read Only)
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
SW1-4
SW1-3
SW1-2
SW1-1
For each bit, see table above
0 = Down
1 = Up
Reserved reads as A to tag on the address register.
BA + 2 -- Enable/Disable Jumpers (Read Only)
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
CN6
CN5
CN4
CN3
For each CNx bit:
Jumper installed = 0 = Port is disabled
Jumper open = 1 = Port is enabled
Reserved reads as 0
BA + 3—Reserved
7
6
5
4
3
2
1
0
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved reads as 0
BA + 4-- RS-422 RTS operation (W)
7
6
5
4
3
2
1
0
Reserved
Reserved
Driver
Enable
IntSel
CN6
CN5
CN4
CN3
Driver Enable:
0 = All ports in RS-422/485 mode will have the drivers disabled
1 = All ports in RS-422/485 mode will have the drivers controlled as selected in register 4 and 5
Default to 0 to have drivers disabled during power up. User must program to a 1 to use RS-422/485 mode.
IntSel:
0 = MCR bit-3 controls the three state interrupt output.
1 = Overrides MCR bit-3 and interrupt outputs are enabled continuously.
Default to 0 to set COM ports in normal mode
For each CNx bit:
0 = use RTS to enable transmitter, default case
1 = transmitter always on



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com