Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 29Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 31Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 32Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 33Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 34Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 35Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 36Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 56 page
background image
CM312 Quad Serial utilityModule
23
RTD Embedded Technologies, Inc.
Chapter 3
USING THE UTILITYMODULE SERAIL PORTS
The utilityModule features an EXAR quad UART 16C550 compatible 16C554D part.
EXAR Documentation
Due to the complexity of the EXAR serial chip, it is impossible for us to reproduce all
programming information in this manual. If you will be doing in-depth programming of the serial
port controller, we suggest you obtain the 16C554D datasheet from the manufacturer.
The 16C554D datasheet is available on-line in electronic format as an Adobe Acrobat (. PDF) file
on the EXAR website:
www.exar.com
You may also contact:
EXAR corporation
248720 Kato Road
Fremont, CA 94538
Or by phone/fax:
Phone: 510 668 7017
Fax: 510 668 7017
1.5 Mbps support
With 24 MHz clock input selected (JP5, 1-2), the utilityModule is capable of provide data rates up
to 1.5 Mbps in RS422/RS485 mode. Since RS-232 standard restricts data rate to 20 Kbps, you
might experience failure at higher data rate above 252 Kbps with 24 MHz clock select for the
utilityModule.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com