Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 26Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 27Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 28Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 29Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 31Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 32Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 33Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 56 page
background image
CM312 Quad Serial utilityModule
20
RTD Embedded Technologies, Inc.
BA + 5-- RS-422 TxD operation (W)
7
6
5
4
3
2
1
0
TxD+/-CN6
TxD+/-CN5
TxD+/-CN4
TxD+/-CN3
CN6
CN5
CN4
CN3
For each CNx bit:
0 = use RTS to enable transmitter or transmitter always on as defined by BA + 4 register CNx bit
1 = Use TxD to enable transmitter, transmitter data is tied low
For each Txd+/-CNx bit if corresponding CNx bit is 1:
0 = Use TxD to enable transmitter
1 = Use inverted TxD to enable transmitter
REG4[5]
ALL
CHANNELS
0
1
1
REG5[3:0]
BIT PER
CHANNEL
REG5[7:4]
BIT PER
CHANNEL
TxD
RTS
+5V
0
REG4[3:0]
BIT PER
CHANNEL
0
0
1
1
1
0
RS-422/485 mode configuration. All switches are shown in power on default conditions.
RS-422/485 Driver
TxD+
TxD-
Enable
Figure 3 RS-422/485 Mode Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com