Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 34Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 35Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 36Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 37Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 38Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 39Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 40Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 41Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 56 page
background image
CM312 Quad Serial utilityModule
28
RTD Embedded Technologies, Inc.
Chapter 5
SOFTWARE INSTALLATION
This chapter contains information on:
•
Software installation
•
The CM312SET Program
•
Server Examples
•
Client Examples
•
Client Remote Boot Examples
Software installation
There is no installation program for the supplied software. We suggest you create a directory
named /CM312 on your target drive, and copy all files and subdirectories from the supplied floppy
disk into that directory.
The CM312SET Program
The /TOOLS directory of the supplied floppy disk contains the setup and diagnostic utility,
CM312SET.EXE.
Using CM312SET
Since CM312 utility module is a jumperless I/O board, complete software configurable with all its
configuration data stored in EEPROM, CM202SET is a utility program that let you view or change
the existing setting of the board.
When you run the CM312SET program, the utility looks at all possible I/O addresses.
If no module is found or if there is a conflicting, the utility quits with a message.
When the module is found and correctly operating, the utility displays lines indicating the active
I/O address, the interrupt, the Media Type in use, the compatibility mode selected (NE2000 or
NE1000), and the MAC address of the board.
You can use the program to change settings for I/O address, Interrupt, Media Type, Remote Boot
Prom, and compatibility mode and save your selection either into the configuration registers or to
both registers and EEPROM. Saving to registers only will allow you to perform test with the
settings in your system, but the settings will be lost when power off. In order to change the setting
for future operation, you need to save your changes to both registers and EEPROM. These settings
then are recalled from EEPROM whenever the module is reinitialized.
NE1000 Mode
NE1000 mode can be used to allow the utilityModule to operate with an 8-bit (XT) cpuModule. In
NE1000 mode, only IRQ2, IRQ3, IRQ4, IRQ5 are available. You cannot use IRQ10, IRQ11,
IRQ12, IRQ15 with an 8-bit system bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com