Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 8Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 11Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 12Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 13Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 14Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 15Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 16Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 56 page
background image
CM312 Quad Serial utilityModule
2
RTD Embedded Technologies, Inc.
Chapter 1
INTRODUCTION
This manual gives information on the CM312 Communications utilityModule. This module
supports four versatile serial ports with jumper configurable IRQ lines and I/O addresses and one
10Base-T / 10Base-2 ethernet interface for your PC/104 applications.
CM312 Communications utilityModule
The CM312 Communications utilityModule was designed to provide four versatile serial ports and
an ethernet interface to support the Real Time Devices cpuModules and other standard PC/104
processor modules.
Features
The following are major features of the CM312 utilityModule.
Serial ports
•
Compatibility with the Industry Standard 16C550
•
Up to 1.5 Mbps baud transmit/receive operation (24Mhz)
•
16 byte transmit FIFO/16 byte receive FIFO with error flags
•
Independent transmit and receive control
•
Standard modem interface
•
Jumper selectable to interrupt line, base address, RS232/RS422-485 mode per port
•
Jumper selectable enable/disable per port
•
Includes 42 different selectable I/O base addresses
•
Extended temperature range: -40 to +85C
•
Low power-consumption
•
Typical from single +5V power supply
Ethernet
NE2000 compatible Ethernet controller
•
LG Semicon 82C911 chipset
•
internal 16k RAM
Multiple Ethernet interfaces
•
10Base-T UTP (unshielded twisted pair)
•
10Base-2 BNC
Software Configurable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com