Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 12Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 13Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 14Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 15Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 16Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 17Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 18Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 19Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 56 page
background image
CM312 Quad Serial utilityModule
6
RTD Embedded Technologies, Inc.
Descriptions
The following table describes the functions of the jumpers.
Table 2 Switch and Jumper tables
Jumper
Use
JP 1
IRQ selection for COM1
G setting: jumper installed = 1K pull down resistor for the selected IRQ
Jumper removed = no pull down for the selected IRQ
Default: 3-4, IRQ4 is selected for CN3 with G jumper installed (1K pull-down)
JP 2
IRQ selection for COM2
G setting: jumper installed = 1K pull down resistor for the selected IRQ
Jumper removed = no pull down for the selected IRQ
Default: 1-2, IRQ3 is selected for CN4 with G jumper installed (1K pull-down)
JP3
IRQ selection for COM3
G setting: jumper installed = 1K pull down resistor for the selected IRQ
Jumper removed = no pull down for the selected IRQ
Default: 5-6, IRQ5 is selected for CN5 with G jumper installed (1K pull-down)
JP 4
IRQ selection for COM4
G setting: jumper installed = 1K pull down resistor for the selected IRQ
Jumper removed = no pull down for the selected IRQ
Default: 13-14, IRQ10 is selected for CN6
With G jumper installed (1K pull-down)
JP5
Input clock selection for serial ports
1-2 = select 24 MHz input clock to UART
2-3 = select 24 MHz / 13 input clock to UART
Default: 2-3 jumped, to select 1.8432 MHz to UART
JP6
Ethernet EEPROM enable
1-2 installed = Factory use
1-2 open = Normal Operation
Default: 1-2 open to enable normal Ethernet EEPROM operation
JP7
Reserved, leave open
1-2 installed = Not allowed
1-2 open = Normal operation
Default: 1-2 always open



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com