Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 28Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 29Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 31Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 32Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 33Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 34Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 35Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 36Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
CM312 Quad Serial utilityModule
22
RTD Embedded Technologies, Inc.
10Base-2 connector, CN14
Connector CN14 is a BNC bayonet connector for coaxial cable normally used with 10Base-2
Ethernet.
The pinout of CN14 is:
Pin
Signal
Function
in/out
1
SIGNAL
Signal to 50 ohm cable
in/out
2
GND
Signal Ground
--
1
2
Figure 5 BNC Connector CN14
Power Protection Circuitry
To reduce the risk of damage due to power-supply problems, the utilityModule includes several
protective components.
Module Power-Supply Protection
The utilityModule includes a component to help prevent damage due to problems with the +5Vdc
power supply from the PC/104 bus. Protection is provided for:
•
Over-current
•
Reversed polarity
•
Excessive voltage
This protection is only for the utilityModule, and will not protect other devices in a PC/104 stack.
The protective fuse is replaceable and is available from electronics suppliers. Its description and
part number is:
Littelfuse Nano
2 SMF 1.0 amp, R451-001
Caution:
Replace fuses only with parts of identical current and voltage rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com