Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 9Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 10Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 11Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 12Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 13Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 14Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 15Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 16Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
CM312 Quad Serial utilityModule
3
RTD Embedded Technologies, Inc.
•
Jumperless configuration for I/O address, interrupt, mode
•
Configuration stored in EEPROM
Boot ROM socket
•
Allows remote booting of cpuModule from file server
Software Included
•
Self-explanatory diagnostic program included
Connectors and Switches
Connectors provided are:
•
CN1: PC/104 Bus (XT)
•
CN2: PC/104 Bus (AT)
•
CN3: First COM port
•
CN4: Second COM port
•
CN5: Third COM port
•
CN6: Fourth COM port
•
CN8: 10Base-T port (RJ45)
•
CN14: 10Base-2 port (BNC)
Switches provided are:
•
SW1: COM ports address selection
Jumpers provided are:
•
JP1: First COM port IRQ
•
JP2: Second COM port IRQ
•
JP3: Third COM port IRQ
•
JP4: Fourth COM port IRQ
•
JP5: Serial port clock source select
•
JP7:
•
JP8: First COM port mode and termination
•
JP9: Second COM port mode and termination
•
JP10: Third COM port mode and termination
•
JP11: Fourth COM port mode and termination
Recommended Cables
XK-CMxx
General Specifications
•
Dimensions: 3.8 x 3.9 x 0.6" (97 x 100 x 16 mm)
•
Weight (mass): 3.0 ounces (85 grams)
•
6-layer PCB
•
Operating conditions:
•
Temperature: 0 - +70 degrees C
•
Relative humidity: 0 - 95%, non-condensing
•
Storage temperature: -55 to +125 degrees C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com