Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 24Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 25Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 26Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 27Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 28Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 29Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 31Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
CM312 Quad Serial utilityModule
18
RTD Embedded Technologies, Inc.
CM312 common registers
The utilityModule includes 5 common registers to provide additional information and software
control that is not required for normal COM port operation, but may be helpful in determining the
status of the board and configuring of the board. The following two sections give the location and
definition of the common registers.
Base Address of Common Registers
The utilityModule common registers are located 800h above the address of the first enabled COM
port. That is, assuming that “X” in hex is the first enabled COM port base address, which can be
any of the valid addresses listed in the Com Port Address Table, the base address for the common
registers is “Y” in hex, then,
Y = X + 800h
For example, if the switches of SW4 are set all DOWN position which makes CN3 = 3E8h, CN4 =
2E8h, CN5 = 280h and CN6 = 288h, then according to the algorithm, the common registers base
address (BA) will be the following depending the setting of enable switch SW2 for each serial
port,
If CN3 is enabled then,
BA = 3E8h + 800h = BE8h
Else if CN3 is disabled AND CN4 is enabled then,
BA = 2E8h + 800h = AE8h
Else if CN3 and CN4 are disabled AND CN5 is enabled then,
BA = 280h + 800h = A80h
Else if CN3, CN4 and CN5 are disabled AND CN4 is enabled then,
BA = 288h + 800h = A88 A80h
Else if CN3, CN4, CN5 and CN6 are disabled then,
Common Registers are disabled
End If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com