Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 19Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 20Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 21Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 22Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 23Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 24Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 25Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 26Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 56 page
background image
CM312 Quad Serial utilityModule
13
RTD Embedded Technologies, Inc.
PC/104 Bus Connectors, CN1 and CN2
Connectors CN1 and CN2 provide PC/104 bus connections. CN1 carries XT bus signals, and CN2
carries additional signals for the AT bus. The signals on CN1 and CN2 conform to the IEEE P966
standard for the PC/104 bus.
The following tables list the connector pinouts:
Table 5 PC/104 XT Bus Connector
PC/104 XT Bus Connector, CN1
Pin
Row A
Row B
1
IOCHCHK*
0V
2
SD7
RESETDRV
3
SD6
+5V
4
SD5
IRQ9
5
SD4
-5V
6
SD3
DRQ2
7
SD2
-12V
8
SD1
ENDXFR*
9
SD0
+12V
10
IOCHRDY
(KEYING PIN)
11
AEN
SMEMW*
12
SA19
SMEMR*
13
SA18
IOW*
14
SA17
IOR*
15
SA16
DACK3
16
SA15
DRQ3
17
SA14
DACK1*
18
SA13
DRQ1
19
SA12
REFRESH
20
SA11
SYSCLK
21
SA10
IRQ7
22
SA9
IRQ6
23
SA8
IRQ5
24
SA7
IRQ4
25
SA6
IRQ3
26
SA5
DACK2*
27
SA4
TC
28
SA3
BALE
29
SA2
+5V
30
SA1
OSC
31
SA0
0V
32
0V
0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com