Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 22Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 23Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 24Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 25Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 26Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 27Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 28Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 29Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 56 page
background image
CM312 Quad Serial utilityModule
16
RTD Embedded Technologies, Inc.
RS422 or RS485 Serial Port
You can change the mode switch to set the first port as RS422 or RS485. In this case, you must
connect CN3 to an RS422 or RS485 compatible device.
When using RS422 or RS485 mode, you can use the port in either half-duplex (two-wire) or full-
duplex (four-wire) configurations. For half-duplex (2-wire) operation, you must connect RXD+ to
TDX+, and connect RXD- to TXD-.
Note! Two 120-ohm termination resistors are provided on the utilityModule. Termination is
usually necessary on all RS-422 receivers and at the ends of the RS-485 bus. If the
termination resistor is required, it can be enabled by closing jumper JP8 5-6 for RxD
and/or 7-8 CTS.
RS422 and RS485 Mode Pinout
The following table gives the pinout of connector CN3 when RS422 or RS485 modes are enabled.
Table 9 Connector CN3 in RS422/485 Mode
CN3 Pin
Signal
Function
In/out
DB9
1
RTS-
Request to send (-)
Out
1
2
RTS+
Request to send (+)
Out
6
3
RXD-
Receive Data (-)
In
2
4
TXD+
Transmit Data (+)
Out
7
5
TXD-
Transmit Data(-)
Out
3
6
RXD+
Receive Data (+)
In
8
7
CTS-
Clear to send (-)
In
4
8
CTS+
Clear to send (+)
In
9
9,10
GND
Signal Ground
--
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com