Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM312 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # CM312
Description  Communications utilityModule
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM312 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button CM312 Datasheet HTML 13Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 14Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 15Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 16Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 17Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 18Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 19Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 20Page - List of Unclassifed Manufacturers CM312 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
CM312 Quad Serial utilityModule
7
RTD Embedded Technologies, Inc.
JP8
First
COM port
COM port configuration
1-2 installed = Disable Port
1-2 open = Enable Port
3-4 installed = select RS-232 mode
3-4 open = select RS-422/485 mode
5-6 installed = 120 ohm termination on RxD (for RS422/485 modes)
5-6 open = No termination on RxD (RS422/485 modes)
7-8 installed = 120 ohm termination on CTS (for RS422/485 modes)
7-8 open = No termination on CTS (RS422/485 modes)
Default: 1-2 and 3-4 installed, 5-6 and 7-8 open to select enabled for RS-232
mode with no termination
JP9
Second
COM port
COM port configuration
1-2 installed = Disable Port
1-2 open = Enable Port
3-4 installed = select RS-232 mode
3-4 open = select RS-422/485 mode
5-6 installed = 120 ohm termination on RxD (for RS422/485 modes)
5-6 open = No termination on RxD (RS422/485 modes)
7-8 installed = 120 ohm termination on CTS (for RS422/485 modes)
7-8 open = No termination on CTS (RS422/485 modes)
Default: 1-2 and 3-4 installed, 5-6 and 7-8 open to select enabled for RS-232
mode with no termination
JP10
Third
COM port
COM port configuration
1-2 installed = Disable Port
1-2 open = Enable Port
3-4 installed = select RS-232 mode
3-4 open = select RS-422/485 mode
5-6 installed = 120 ohm termination on RxD (for RS422/485 modes)
5-6 open = No termination on RxD (RS422/485 modes)
7-8 installed = 120 ohm termination on CTS (for RS422/485 modes)
7-8 open = No termination on CTS (RS422/485 modes)
Default: 1-2 and 3-4 installed, 5-6 and 7-8 open to select enabled for RS-232
mode with no termination
JP11
Fourth
COM port
COM port configuration
1-2 installed = Disable Port
1-2 open = Enable Port
3-4 installed = select RS-232 mode
3-4 open = select RS-422/485 mode
5-6 installed = 120 ohm termination on RxD (for RS422/485 modes)
5-6 open = No termination on RxD (RS422/485 modes)
7-8 installed = 120 ohm termination on CTS (for RS422/485 modes)
7-8 open = No termination on CTS (RS422/485 modes)
Default: 1-2 and 3-4 installed, 5-6 and 7-8 open to select enabled for RS-232
mode with no termination
SW1
I/O base address switch. See Base Address Table for details



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com