Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 45 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 45 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH IC-PI Datasheet HTML 43Page - IC-Haus GmbH IC-PI Datasheet HTML 44Page - IC-Haus GmbH IC-PI Datasheet HTML 45Page - IC-Haus GmbH IC-PI Datasheet HTML 46Page - IC-Haus GmbH IC-PI Datasheet HTML 47Page - IC-Haus GmbH IC-PI Datasheet HTML 48Page - IC-Haus GmbH IC-PI Datasheet HTML 49Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 45 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 45/48
APPLICATION NOTES: CIRCUIT EXAMPLES
Figure 36 is a circuit diagram of an optical encoder with
incremental quadrature outputs as RS422-compatible
differential signals which should be terminated by 100 Ω
resistors at the controller end. Alternatively, a mag-
netic encoder using magnetoresistive sensor bridges is
shown in Figure 37. Overvoltage protection is realized
using TVS diodes and a PolyFuse in the VDD line, as
shown.
Figure 36: Optical encoder application example.
Figure 37: Magnetic encoder application example.
When iC-PI is used in 24 V systems with supply volt-
ages of 5 V to 30 V for example, it can be combined
with iC-DL which is a line driver with integrated line
adaptation (Figure 38).
Reduced driving capability of iC-PI is sufficient
(SIK = 00) to operate iC-DL, so current from the 5 V
supply is reduced. If an LDO voltage regulator is se-
lected, the circuit is suitable for a supply range of 4.5 V
to 30 V without any change.
The wiring of the iC-DL error message output (pin NER)
to the PLC is not necessary if the iC-PI error mask is
set for output shutdown (EMASKO). In the event of an
error, the pull-down current sources ensure that a low
signal is produced at the iC-DL inputs on all lines. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com