Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 33 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 33 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 33/48
SINE-TO-DIGITAL CONVERSION
SELRES
Addr. 0x21, bit 6:0; Addr. 0x20, bit 7:0
Value
STEP
Angle Steps
Per Period
IPF
Interpolation
Factor
fin()max*
Permissible Input
Frequency
(@ MTD)
0x0003
4
1
300 kHz
0x0007
8
2
300 kHz
0x000F
16
4
300 kHz
0x0013
20
5
300 kHz
0x001F
32
8
300 kHz
0x0027
40
10
300 kHz
0x003F
64
16
300 kHz
0x004F
80
20
300 kHz
0x0063
100
25
300 kHz
0x007F
128
32
300 kHz
0x009F
160
40
250 kHz
0x00C7
200
50
200 kHz
0x00FF
256
64
159 kHz
0x018F
400
100
100 kHz
0x01F3
500
125
80 kHz
0x01FF
512
128
75 kHz
0x031F
800
200
50 kHz
0x03E7
1000
250
40 kHz
0x03FF
1024
256
38 kHz
0x07CF
2000
500
20 kHz
0x07FF
2048
512
19 kHz
0x0F9F
4000
1000
10 kHz
0x0FFF
4096
1024
9 kHz
Notes
Other settings are not allowed.
*) According to Figure 4, page 12.
Table 45: Converter Resolution
iC-PI’s converter resolution is selected with SELRES.
For a resolution of 4, four angle steps per input cycle
are generated so that the output frequency at A and B
matches the sine frequency at the inputs.
The programmable converter hysteresis is determined
by SELHYS. It is set in multiples of the increment size
and has a maximum of 45° of the input signal period.
SELHYS
Addr. 0x1F, bit 3:0
Code
Function
Code
Function
0x0
nearly none
0x8
2.0°
0x1
0.09°
0x9
4.0°
0x2
0.18°
0xA
6.0°
0x3
0.36°
0xB
8.0°
0x4
0.54°
0xC
10.0°
0x5
0.72°
0xD
11.25°
0x6
1.0°
0xE
22.5°
0x7
1.5°
0xF
45°
Table 46: Converter Hysteresis
STUPCNT
Addr. 0x21, bit 4
Code
Function
0x0
Count from zero angle: burst output to absolute
position within input cycle.
0x1
Suppress edges on ABZ.
Duration dependent on the Minimum Edge Distance
(MTD). Using the largest MTD, the process lasts up
to 15 ms.
Table 47: Converter Startup
HOLDCNT Addr. 0x21, bit 5
Code
Function
0x0
No Hold on min. amplitude error
0x1
Hold on min. amplitude error
Table 48: Converter Hold on Amplitude Error
PA
PB
PZ
AERR
NORMAL
HOLD
NORMAL
STARTUP
Figure 17: Modes for count signals
Figure 17 shows the device’s behavior during the op-
tional startup and hold modes.
STARTUP: When leaving the reset state, the interpola-
tor counts up from zero angle to the applied angle posi-
tion, at the maximum possible tracking frequency. The
bit STUPCNT defines whether the internally counted
signals are output at the pins (STUPCNT = 0), or su-
pressed (STUPCNT = 1).
NORMAL: After settling, the interpolator tracks the ap-
plied input angle in normal mode.
HOLD: In case of a signal error (loss of signal), the
sine-to-digital converter is set on hold and no further
count pulses can be seen at the outputs (HOLDCNT =
0).
NORMAL: As soon as the amplitude returns back to
regular levels, the converter continues counting from
the last value and generates as many pulses as re-
quired to catch up to the actual position. In doing so,
the outputs show the configured minimum edge dis-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com