Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 28 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 28 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH IC-PI Datasheet HTML 26Page - IC-Haus GmbH IC-PI Datasheet HTML 27Page - IC-Haus GmbH IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 28/48
Offset Calibration CH1, CH2
In order to calibrate the offset, the reference source
must first be selected using VOS12. Two fixed voltages
and two dependent sources are available for this pur-
pose. The fixed voltage sources should be selected for
external sensors which provide stable, self-regulating
signals.
So that photosensors can be operated in optical en-
coders, iC-PI tracks changes in offset voltages via
the signal-dependent source VDC when used in con-
junction with the controlled sensor current source for
LED supply (pin ACO). The VDC potential automati-
cally tracks higher DC photocurrents. To this end, the
center potentials for the VDC offset references can be
adjusted to minimize their AC ripple, using parameters
MP1 for VDC1, and MP2 for VDC2 (refer to the k factor
of Table 28).
The feedback of pin voltage V(ACO) fulfills the same
task as source VDC when MR bridge sensors are sup-
plied by the controlled sensor current source or by sup-
ply VDDS.
VOS12
Addr. 0x05, bit 5:4
Code
Type of source
0x0
Feedback of ACO pin voltage: V(ACO)/20
for supply-dependent differential voltage signals
for Wheatstone sensor bridges
to measure VDDS
0x1, 0x2
Fixed reference: V05 of 500 mV, V025 of 250 mV
for single-ended current or voltage signals
for single-ended or differential stabilized signals
(regulated sensor or waveform generator)
0x3
Self-tracking sources VDC1, VDC2 (125...250 mV)
for differential current signals
for differential voltage signals*
Notes
*) Requires MUX(5:4) = 3 and the sensor’s reference
connected to input X2; refer to Elec. Char. No. 111
for acceptable input voltage).
Table 27: Offset Reference Source CH1, CH2
MP1
Addr. 0x0E, bit 1:0; Addr. 0x0D, bit 7:0
MP2
Addr. 0x0F, bit 5:0; Addr. 0x0E, bit 7:4
Code
VDCi = (1 − k) · VPi + k · VNi
0x000
k = 1/3
0x001
k = 0.3337
...
k = 1/3 + 1/3 · Code/1023
0x200
k = 0.5000 (center setting)
...
...
0x3FF
k = 2/3
Notes
Adjustment is required only if VOS12 = 0x3
Table 28: VDC Center Potential CH1, CH2
The offset calibration range for CH1 and CH2 is set
using the coarse offset factors OR1 and OR2. Both
sine and cosine signals are then calibrated using the
fine offset factors OF1 and OF2. The calibration target
is reached when the DC component of the differential
signals PCHi to NCHi is zero.
OR1
Addr. 0x10, bit 1:0
OR2
Addr. 0x10, bit 3:2
Code
Range
0x0
x1
0x1
x2
0x2
x6
0x3
x12
Table 29: Coarse Offset Factor CH1, CH2
OF1
Addr. 0x11, bit 6:0; Addr. 0x10, bit 7:4
OF2
Addr. 0x13, bit 2:0; Addr. 0x12, bit 7:0
Code
Factor
0x000
0
0x001
0.00098
...
+ Code/1023
0x3FF
+ 1
0x400
0
0x401
−
0.00098
...
−
(Code − 1024)/1023
0x7FF
−
1
Table 30: Fine Offset Factor CH1, CH2
Phase Correction CH1 to CH2
The phase shift between CH1 and CH2 can be adjusted
using parameter PH12. Following phase calibration,
other calibration parameters may have to be readjusted
(those as amplitude compensation, VDC center poten-
tials and offset voltages).
PH12
Addr. 0x14, bit 5:0; Addr. 0x13, bit 7:4
Code
Correction angle
0x000
0 °
0x001
+ 0.0204 °
...
+ 10.42 ° · Code/511
0x1FF
+ 10.42 °
0x200
0 °
0x201
−
0.0204 °
...
−
10.42 ° · (Code − 512)/511
0x3FF
−
10.42 °
Table 31: Phase Correction CH1 to CH2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com