Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 32 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 32 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 28Page - IC-Haus GmbH IC-PI Datasheet HTML 29Page - IC-Haus GmbH IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 32/48
Signal monitoring and thresholds
ACOS(4:0) Vt()min ... max
ACOS(4:0) Vt()min ... max
0x00
0.72 V...2.34 V
0x19
1.2 V ...3.9 V
0x01
0.732 V...2.38 V
...
...
...
...
0x1F
1.44 V...4.68 V
Notes
All values nominal, see also Elec. Char. Nos. 605,
606
Table 42: Signal Monitoring
Note: Following power up and after the configura-
tion data has been read successfully, the sine/cosine
square control starts operation from a zero output
current.
Note: Excessive input signals or internal signal clip-
ping can interfere with the control operation, so that
the preset operating point may not be reached (upon
power up) or maintained (upon disturbances). Use
Control Error 2 and Signal Error 1 for monitoring and
configuring EMASKA accordingly.
Sum Control Mode
With sum control mode selected, the DC references
(VDC1 + VDC2) are used to adjust the output current of
pin ACO.
ACOS
Addr. 0x15, bit 5:1
Code
Sum control (ACOT = 01)
0x00
VDC1 + VDC2 ≈ 245 mV
0x01
VDC1 + VDC2 ≈ 249 mV
...
...
≈
245mV
77
77−(1.25∗Code)
0x1F
VDC1 + VDC2 ≈ 490 mV
Table 43: Sum Control Setting (DC average)
Constant Current Source
The constant current source is intended for signal con-
ditioning purposes, i.e. for the adjustment of gain, offset
and phase correction values independent of signal level
controlling.
ACOS
Addr. 0x15, bit 5:1
Code
Constant current source (ACOT = 10)
0x00
I(ACO) ≈ 3.125% Isc(ACO)
0x01
I(ACO) ≈ 6.25% Isc(ACO)
...
...
≈
3.125% ∗ (Code + 1) ∗ Isc(ACO)
0x1F
I(ACO) ≈ 100% Isc(ACO)
Notes
For tolerances of Isc(ACO) see Elec. Char. No. 602.
Table 44: Current Source Setting (ACO output current)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com