Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 38 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 38 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH IC-PI Datasheet HTML 38Page - IC-Haus GmbH IC-PI Datasheet HTML 39Page - IC-Haus GmbH IC-PI Datasheet HTML 40Page - IC-Haus GmbH IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 38/48
Output Driver Configuration
The output drivers can be used as push-pull, lowside
or highside drivers, or can be switched off (tristate); the
mode of operation is determined by TRIHL(1:0).
The slew rate can be set using SSR to suit the length
of the cable. Lower slew rates are used to avoid steep
edges when transmitting via short wires, but can re-
sult in a limiting of the maximum permissible output
frequency. For example, this frequency is 300 kHz at a
slew rate of 300 ns if the RS422 specification is to be
adhered to. The tolerances in Electrical Characteristics,
numbers 505 and 506, must be observed.
The short-circuit current can be set by SIK and can
be minimized when connecting to on board logic or to
an external 24 V line driver. If the outputs are used as
RS422-compatible 5 V drivers, it is recommended that
SIK = 11 to keep the power dissipation of iC-PI low.
TRIHL
Addr. 0x22, bit 1:0
Code
Function
00
Push-pull operation
01
Highside driver mode (P channel open drain)
10
Lowside driver mode (N channel open drain)
11
Tristate
Table 57: Output Drive Mode
SSR
Addr. 0x22, bit 3:2
Code
Function
00
Nominal value 12 ns
01
Nominal value 25 ns
10
Nominal value 80 ns
11
Nominal value 220 ns
Note
For tolerances see Elec. Char. Nos. 505 and 506.
Table 58: Output Slew Rate
SIK
Addr. 0x22, bit 5:4
Code
Function
00
typ. 2 mA, linking logic or driver ICs
01
typ. 8 mA
10
typ. 40 mA
11
typ. 100 mA, recommended for RS422
Note
For tolerances see Elec. Char. Nos. 503 and 504.
Table 59: Output Short-Circuit Current
Minimum Edge Distance
MTD
Addr. 0x1F, bit 7:4
Code
tMTD
during ABZ Mode, and
UVW Mode
tclk()lo
during 191/193 Mode
0x0
25 ns
not available
0x1
50 ns
25 ns
0x2
75 ns
25 ns
0x3
100 ns
50 ns
0x4
125 ns
50 ns
0x5
150 ns
75 ns
0x6
200 ns
100 ns
0x7
300 ns
150 ns
0x8
400 ns
200 ns
0x9
550 ns
275 ns
0xA
800 ns
400 ns
0xB
1.0 µs
500 ns
0xC
1.3 µs
650 ns
0xD
1.6 µs
800 ns
0xE
3.2 µs
1.6 µs
0xF
6.4 µs
3.2 µs
Note
All timing specifications are nominal values.
Table 60: Minimum Edge Distance
The minimum edge distance of the output signals can
be preset by MTD(3:0). This setting limits the maximum
possible output frequency to ensure a safe transmission
to counters, which permits only a low input frequency
and thus cannot resolve glitches. The configuration
of the RS422 output drivers (with regard to the driver
current and slew rate) and the cable length must be
taken into account when choosing the minimum edge
distance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com