Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 39 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 39 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH IC-PI Datasheet HTML 38Page - IC-Haus GmbH IC-PI Datasheet HTML 39Page - IC-Haus GmbH IC-PI Datasheet HTML 40Page - IC-Haus GmbH IC-PI Datasheet HTML 41Page - IC-Haus GmbH IC-PI Datasheet HTML 42Page - IC-Haus GmbH IC-PI Datasheet HTML 43Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 39/48
ERROR MONITORING AND ALARM OUTPUT
iC-PI monitors the input signals, the internal interpolator
and the sensor supply controller through which the input
signal levels are stabilized. If the sensor supply tracking
unit reaches its control limits this can be interpreted as
an end-of-life message, for example.
Three separate error masks stipulate whether error
events are signaled as an alarm via I/O pin ERR (mask
EMASKA), whether they cause the (RS422) output
drivers to shutdown or not (mask EMASKO) or whether
they are stored in the EEPROM (mask EMASKE).
Alarm Output: I/O-pin ERR
Pin ERR is operated by a current-limited open-drain
output driver and has an internal pull-up which can be
disabled. The ERR pin also acts as an input for ex-
ternal system error messaging. Interpretation of an
external system error message and the phase of the
message output is configured by EPH and the minimum
indication time by EMTD.
EPH
Addr. 0x1A, bit 4
Code
State on error
State w/o error
0*
active low
high impedance,
with input function for a
low-active system error;
1
high impedance
active low
Notes
*) Pin ERR is disabled during driver shutdown and
cannot indicate errors in this case.
Table 61: I/O Logic, Alarm Output ERR
EMTD
Addr. 0x18, bit 6:4
Code
Indication Time
Code
Indication Time
0x0
0 ms
0x4
50 ms
0x1
12.5 ms
0x5
62.5 ms
0x2
25 ms
0x6
75 ms
0x3
37.5 ms
0x7
87.5 ms
Table 62: Min. Indication Time, Alarm Output ERR
EPU
Addr. 0x1A, bit 5
Code
Function
0
No internal pull-up
1
Internal 300 µA pull-up current source active
Table 63: Pull-Up Enable, Alarm Output ERR
EMASKA
Addr. 0x18, bit 1:0; Addr. 0x17, bit 7:0
Bit
Error event
9
Line count error:
wrong count of sine periods between two zero pulses
8
Excessive output lag:
output angle differs from actual input angle, e.g.
after cycling power, when exceeding the maximum
input frequency, when the output frequency is limited
due to the minimum edge distance (MTD)
7
Excessive input frequency:
angle lost by interpolation engine (at ≈ 600 kHz***)
6 *
Configuration error:
checksum error, no acknowledge signal from
EEPROM, or SDA or SCL pin error.
5
Excessive temperature warning
4
Ungated index enable signal ZIn
(comparated X1/X2 inputs for CFGABZ and
CFGZPOS adjustment, at EMTD = 0x0)
3
Control range at max. limit (control error 2)
2
Control range at min. limit (control error 1)
1
Signal clipping (signal error 2)
0
Loss of signal (signal error 1):
poor differential amplitude**, wrong s/c phase.
Code
Function
1
Enable: event changes state of pin ERR
(if EMASKO does not disable the output function).
0
Disable: event does not affect pin ERR.
Notes
*) Pin ERR can not pull low on configuration error,
use high-active error logic instead (EPH = 1);
**) Also due to excessive input signals or internal
signal clipping.
***) Limit does not depend on IPF or MTD, just on
the chip’s system clock. This error indicates that the
digital engine is not able to capture the input signals
anymore.
Table 64: Error Mask Alarm Output ERR
Line Count Error
Line count monitoring is of particular importance for en-
coder systems. iC-PI counts the number of sine cycles
between two adjacent zero pulses and compares it to
the reference value LINECNT. In case of a deviation,
the line count error is set. The check is paused if the
direction of rotation changes, and is restarted on the
next zero pulse.
LINECNT
Addr. 0x24, bit 5:0; Addr. 0x23, bit 7:0
Code
Function Value
Line Count (CPR)
0x0000
0
1
...
...
Code + 1
0x3FFF
16383
16384
Example
Code disc of 256 CPR → LINECNT = 255
Table 65: Line Count Reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com