Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-PI Datasheet HTML 1Page - IC-Haus GmbH IC-PI Datasheet HTML 2Page - IC-Haus GmbH IC-PI Datasheet HTML 3Page - IC-Haus GmbH IC-PI Datasheet HTML 4Page - IC-Haus GmbH IC-PI Datasheet HTML 5Page - IC-Haus GmbH IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 3/48
CONTENTS
PACKAGING INFORMATION
4
PIN CONFIGURATION TSSOP20 . . . . . .
4
PACKAGE DIMENSIONS TSSOP20 . . . . .
5
ABSOLUTE MAXIMUM RATINGS
6
THERMAL DATA
6
ELECTRICAL CHARACTERISTICS
7
PROGRAMMING
13
REGISTER MAP
14
SERIAL I2C INTERFACE
16
EEPROM Selection . . . . . . . . . . . . . .
16
Device Startup . . . . . . . . . . . . . . . . .
16
Configuration Data Checksum . . . . . . . .
16
I2C Slave Mode (ENSL = 1) . . . . . . . . . .
17
Device Configuration Using I2C Slave Mode .
17
Identification of Chip Release . . . . . . . . .
18
Access Rights . . . . . . . . . . . . . . . . .
18
POSITION DATA OUTPUT USING I2C
19
BIAS CURRENT SOURCE AND
TEMPERATURE SENSOR
20
Bias Current Calibration . . . . . . . . . . . .
20
Temperature Sensor Calibration . . . . . . .
20
OPERATING MODES
21
ABZ Mode . . . . . . . . . . . . . . . . . . .
21
UVW Mode . . . . . . . . . . . . . . . . . . .
21
191/193 Mode . . . . . . . . . . . . . . . . .
22
Calibration Modes 1, 2, 3 . . . . . . . . . . .
22
Test Mode 5 . . . . . . . . . . . . . . . . . . .
22
Test Mode 6 . . . . . . . . . . . . . . . . . . .
22
System Test Mode and Digital Calibration . .
22
PGA INPUT CONFIGURATION AND SIGNAL
PATH MULTIPLEXER
23
Voltage Signals . . . . . . . . . . . . . . . . .
23
Current Signals . . . . . . . . . . . . . . . . .
23
Input Reference Voltages . . . . . . . . . . .
23
Signal Path Multiplexer . . . . . . . . . . . .
25
SIGNAL CONDITIONING CH1, CH2
26
Gain Settings . . . . . . . . . . . . . . . . . .
26
Offset Calibration CH1, CH2 . . . . . . . . .
27
Phase Correction CH1 to CH2 . . . . . . . .
27
SIGNAL CONDITIONING CH0
28
Input Mode CH0 . . . . . . . . . . . . . . . .
28
Gain Settings CH0 . . . . . . . . . . . . . . .
28
Offset Calibration CH0 . . . . . . . . . . . . .
28
SIGNAL LEVEL CONTROL and SIGNAL
MONITORING
30
Square Control Mode . . . . . . . . . . . . .
30
Sum Control Mode . . . . . . . . . . . . . . .
31
Constant Current Source . . . . . . . . . . .
31
SINE-TO-DIGITAL CONVERSION
32
Full-Scale Interpolation (Over 2x 180°)
. . .
33
COMMUTATION SIGNALS
34
OUTPUT SETTINGS AND ZERO SIGNAL
35
Zero Signal Generation . . . . . . . . . . . .
35
Zero Signal Output Logic . . . . . . . . . . .
36
Configuration Example 1 . . . . . . . . . . .
36
Configuration Example 2 . . . . . . . . . . .
36
Output Driver Configuration . . . . . . . . . .
37
Minimum Edge Distance
. . . . . . . . . . .
37
ERROR MONITORING AND ALARM OUTPUT
38
Alarm Output: I/O-pin ERR . . . . . . . . . .
38
Line Count Error . . . . . . . . . . . . . . . .
38
Excessive Temperature Warning . . . . . . .
38
Configuration Error . . . . . . . . . . . . . . .
39
Output Driver Shutdown . . . . . . . . . . . .
39
Error Logging
. . . . . . . . . . . . . . . . .
39
Clearing Errors . . . . . . . . . . . . . . . . .
39
REVERSE POLARITY PROTECTION
40
APPLICATION NOTES: SIGNAL
CONDITIONING
40
Offset Quick Check . . . . . . . . . . . . . . .
42
Signal Conditioning Example 1:
Photodiode array connected to current
inputs, LED supply with constant current
source . . . . . . . . . . . . . . . . . . .
43



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com