Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-PI Datasheet HTML 1Page - IC-Haus GmbH IC-PI Datasheet HTML 2Page - IC-Haus GmbH IC-PI Datasheet HTML 3Page - IC-Haus GmbH IC-PI Datasheet HTML 4Page - IC-Haus GmbH IC-PI Datasheet HTML 5Page - IC-Haus GmbH IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 1/48
FEATURES
•
Latency-free sine-to-digital conversion with up to 4000/4096
angle steps
•
Input frequencies: 500 kHz (x10), 80 kHz (x100), 8 kHz (x1000)
•
Flexible pin assignment using signal path multiplexers
•
PGA inputs for differential and single-ended signals
•
Variable input resistance for current/voltage conversion
•
Signal conditioning for offset, amplitude, and phase
•
Controlled 50 mA current source for LED or MR sensor supply
•
Fault-tolerant RS422 output via adjustable drivers (up to 50 mA)
•
Glitch-free due to guaranteed minimum edge distance
•
Zero signal conditioning and electronic index pulse generation
•
Output of motor commutation signals: UVW with 1 to 8 cycles
•
Signal and operation monitoring with a configurable alarm
output, output shutdown and error storage
•
I2C multi-master interface for configuration from ext. EEPROM
•
I2C slave interface for in-circuit calibration and position data
•
Adjustable over-temperature alarm and shutdown
•
Supply from 4.3 to 5.5 V, operation from -40 to +100 °C
•
Reverse-polarity-proof, including the sub-system
APPLICATIONS
•
Rotary and linear encoders
•
Magnetic or optical angle sensor
modules
•
Brushless motor commutation
PACKAGES
TSSOP20
RoHS compliant
BLOCK DIAGRAM
iC-PI
REVERSEPOLARITY
SIGNALPATHMUX
CONFIGURATION
SINE-TO-DIGITAL
PROTECTION
MONITORING
CONVERTER
PGAINPUTS
REGISTERS
INTERFACE
CONDITIONING
SERIALI2C
CONTROL
DRIVERS
OUTPUT
SIGNAL
LEVEL
INDEX
GNDS
SIGNAL
VDDS
~LOCVDD
GND
ACO
ERR
SDA
VDD
SCL
-
X
X
X
X
X
X
X
X
+
X
+
LineCount
PCH2i
NCH1i
PCH0i
NCH0i
PCH1i
NCH2i
NA
NB
NZ
PB
PZ
PA
X4
X5
X3
X2
X6
X1
Sin/Cos
Monitor
Monitor
COS
X6
X4
PB
SDA
SCL
NB
GNDS
X5
X2
NA
PZ
VDDS
PA
X3
NZ
X1
ACO
VDD
GND
ERR
CH2
CH0
CH1
ADJ
+
Temp
+
PWR
PHI
SIN
X
X
X
X
X
X
X
X
X
Mon
I/V
I/V
I/V
I/V
I/V
I/V
-
°C
PA
X2
SCL
X5
X1
VDDS
X3
X6
ERR
VDD
GNDS
SDA
PZ
NZ
ADJ
NB
GND
~LOCVDD
ACO
PB
X4
NA
iC-PI
REVERSEPOLARITY
SIGNALPATHMUX
CONFIGURATION
SINE-TO-DIGITAL
PROTECTION
MONITORING
CONVERTER
PGAINPUTS
REGISTERS
INTERFACE
CONDITIONING
SERIALI2C
CONTROL
DRIVERS
OUTPUT
SIGNAL
LEVEL
INDEX
GNDS
SIGNAL
VDDS
~LOCVDD
GND
ACO
ERR
VDD
SDA
SCL
X
X
X
X
X
X
X
X
-
X
+
+
LineCount
NCH2i
NCH0i
PCH1i
PCH0i
NCH1i
PCH2i
NA
NB
PB
NZ
PZ
PA
X1
X3
X5
X6
X2
X4
Sin/Cos
Monitor
Monitor
COS
SDA
X5
ERR
NZ
PB
PZ
X2
GNDS
X3
NB
SCL
GND
VDDS
PA
X6
X4
VDD
NA
X1
ACO
CH1
CH0
CH2
ADJ
+
+
Temp
PWR
PHI
SIN
X
X
X
X
X
X
X
X
X
Mon
I/V
I/V
I/V
I/V
I/V
I/V
-
°C
X3
PA
ERR
X5
GNDS
ACO
ADJ
NA
VDDS
X6
X1
X2
SCL
VDD
PZ
NZ
SDA
X4
PB
~LOCVDD
GND
NB
Copyright © 2014, 2018 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-PI

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-PD3948 ICHAUS-IC-PD3948 Datasheet
320Kb / 9P
5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
IC-PD3948 ICHAUS-IC-PD3948 Datasheet
671Kb / 10P
5-CH. PHASED ARRAY SINE ENCODER (39-2048)
IC-PD3948 ICHAUS-IC-PD3948 Datasheet
1Mb / 12P
PHASED ARRAY SINE ENCODER
IC-PD3948CHIP ICHAUS-IC-PD3948CHIP Datasheet
320Kb / 9P
5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
IC-PD3948OBGALSH2C ICHAUS-IC-PD3948OBGALSH2C Datasheet
320Kb / 9P
5-CHAN. PHASED ARRAY SINE ENCODER 39-2048
More results

Similar Description - IC-PI

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-MG ICHAUS-IC-MG Datasheet
356Kb / 20P
8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ Datasheet
832Kb / 39P
PROGRAMMABLE 9-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MSB ICHAUS-IC-MSB Datasheet
591Kb / 29P
SIN/COS SIGNAL CONDITIONER WITH 1Vpp DRIVER
IC-TW2 ICHAUS-IC-TW2 Datasheet
459Kb / 30P
8-BIT SIN/COS INTERPOLATION IC WITH INTEGRATED EEPROM
IC-MQF ICHAUS-IC-MQF Datasheet
754Kb / 37P
PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-RC1000 ICHAUS-IC-RC1000_12 Datasheet
448Kb / 10P
SIN/COS SIGNAL SAFETY MONITOR IC
IC-TW2 ICHAUS-IC-TW2_13 Datasheet
569Kb / 28P
8-BIT SIN/COS INTERPOLATION IC
IC-MQF ICHAUS-IC-MQF_15 Datasheet
836Kb / 38P
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MQ ICHAUS-IC-MQ_15 Datasheet
1Mb / 43P
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
IC-MG ICHAUS-IC-MG_14 Datasheet
604Kb / 22P
8-Bit Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com