Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 2 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 2 Page - IC-Haus GmbH

  IC-PI Datasheet HTML 1Page - IC-Haus GmbH IC-PI Datasheet HTML 2Page - IC-Haus GmbH IC-PI Datasheet HTML 3Page - IC-Haus GmbH IC-PI Datasheet HTML 4Page - IC-Haus GmbH IC-PI Datasheet HTML 5Page - IC-Haus GmbH IC-PI Datasheet HTML 6Page - IC-Haus GmbH IC-PI Datasheet HTML 7Page - IC-Haus GmbH IC-PI Datasheet HTML 8Page - IC-Haus GmbH IC-PI Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 2/48
DESCRIPTION
iC-PI is an interpolator with a non-linear A/D converter
which digitizes sine/cosine sensor signals using a
count-safe vector tracking conversion with both se-
lectable resolution and hysteresis. The angle reso-
lution per sine period can be set using SELRES; up
to 4000 decimal angle steps, and up to 4096 binary
angle steps are possible (see page 32).
The angle position is output incrementally by differen-
tial RS422 drivers as an encoder quadrature signal
with a zero pulse or, if selected, as a counter signal
for devices compatible with 74HC191 or 74HC193.
The zero pulse is generated electronically and out-
put when the X1/X2 inputs receive an enable signal.
This pulse can be configured extensively: both in its
relative position to the input signal with regard to the
logic gating with A and/or B and in its width from 90°
to 360° (1/4 to 1 T).
A preselectable minimum edge distance ensures
glitch-free output signals and prevents counting er-
rors which in turn boosts the noise immunity of the
position encoder.
Programmable instrumentation amplifiers with se-
lectable gain levels allow differential or single-ended,
referenced input signals; an external reference volt-
age can be connected to input X2 then operated as a
reference input.
The modes of operation differentiate between high
impedance (V modes) and low impedance (I modes).
This adaptation of the iC to voltage or current signals
enables MR sensor bridges or photosensors to be
directly connected to the device. The optical scan-
ning of low resolution code discs is also supported by
the reference function of input X2; these discs do not
evaluate tracks differentially but in comparison with a
reference photodiode.
The integrated signal conditioning unit allows signal
amplitudes and offset voltages to be calibrated ac-
curately and any phase error between the sine and
cosine signals to be corrected. The channel for the
zero signal can be configured separately.
A control signal is generated from the conditioned
signals which can track the transmitting LED of op-
tical encoders via the integrated 50 mA driver stage
(output ACO). If MR sensors are connected this driver
stage can also track the power supply of the measur-
ing bridges. By tracking the sensor energy supply any
temperature and aging effects are compensated for,
the input signals stabilized and the exact calibration
of the input signals is maintained. This enables a
constant accuracy of the interpolation circuit across
the entire operating temperature range.
If control limits are reached, these can be indicated
at the maskable error pin ERR. Faults such as over-
drive, wire breakage, short circuiting, dirt or aging, for
example, can be logged.
iC-PI includes extensive self-test and system diag-
nosis functions which check whether the sensor is
working properly or not. For all error events the user
can select whether the fault is indicated at the pin ERR
or whether the outputs should shutdown. At the same
time errors can be stored in the EEPROM to enable
failures to be diagnosed at a later stage. For encoder
applications the line count of the code disc, the sensor
signal regarding signal level and frequency and the
operating temperature can be monitored, for example,
the latter using an adjustable on-chip sensor.
Display error pin ERR is bidirectional; a system fault
recognized externally can be recorded and also regis-
tered in the error memory.
iC-PI is protected against reverse polarity and offers
its monitored supply voltage to the external circuit,
thus extending the protection to the system (for load
currents up to 20 mA). Reverse polarity protection also
covers the short-circuit-proof output drivers so that an
unintentional faulty wiring during initial operation is
tolerated.
On being activated the device configuration is loaded
via the serial I2C interface from an external EEPROM
and verified with a CRC. A microcontroller can also
configure iC-PI; the implemented interface is multi-
master-capable and allows direct RAM access to con-
figuration and position data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com