Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 13 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 13 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 9Page - IC-Haus GmbH IC-PI Datasheet HTML 10Page - IC-Haus GmbH IC-PI Datasheet HTML 11Page - IC-Haus GmbH IC-PI Datasheet HTML 12Page - IC-Haus GmbH IC-PI Datasheet HTML 13Page - IC-Haus GmbH IC-PI Datasheet HTML 14Page - IC-Haus GmbH IC-PI Datasheet HTML 15Page - IC-Haus GmbH IC-PI Datasheet HTML 16Page - IC-Haus GmbH IC-PI Datasheet HTML 17Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 13/48
0°
360°
180°
Converter
Error
INL: The maximum absolute error.
DNL: The maximum step
between two consecutive
samples.
Ideal converter
Actual converter
Angular Position
Figure 1: Integral and differential nonlinearity.
0°
360°
180°
Converter
Error
Systematic
Angle Error
Ideal converter
Actual converter
Angular Position
Angle Hysteresis
Figure 2: Systemic angle error due to hysteresis.
A
B
tMTD
t whi
T (100 %)
AArel
tAB
ABrel
Figure 3: Relative angle error and minimum edge dis-
tance.
0,1
1
10
100
1000
1
2
4
5
8
10
20
25
40
50
100
125
200
250
500
1000
Interpolation Factor IPF
MTD=0x0 (25 ns)
MTD=0x1 (50 ns)
MTD=0x2 (75 ns)
MTD=0x3 (100 ns)
MTD=0x4 (125 ns)
MTD=0x5 (150 ns)
MTD=0x6 (200 ns)
MTD=0x7 (300 ns)
MTD=0x8 (400 ns)
MTD=0x9 (550 ns)
MTD=0xA (800 ns)
MTD=0xB (1.0 µs)
MTD=0xC (1.3 µs)
MTD=0xD (1.6 µs)
MTD=0xE (3.2 µs)
MTD=0xF (6.4 µs)
Figure 4: Maximum input frequency depending on in-
terpolation factor. See also Table 45, page
32.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com