Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 18 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 18 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 14Page - IC-Haus GmbH IC-PI Datasheet HTML 15Page - IC-Haus GmbH IC-PI Datasheet HTML 16Page - IC-Haus GmbH IC-PI Datasheet HTML 17Page - IC-Haus GmbH IC-PI Datasheet HTML 18Page - IC-Haus GmbH IC-PI Datasheet HTML 19Page - IC-Haus GmbH IC-PI Datasheet HTML 20Page - IC-Haus GmbH IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 18/48
else
ucCRC = (ucCRC << 1 ) ;
ucDataStream = ucDataStream << 1 ;
}
}
I2C Slave Mode (ENSL = 1)
In this mode iC-PI behaves like an I2C slave with the
device ID 0x55 and the I2C interface permits iC-PI’s
internal registers to be read and written. An I2C start
condition (S) is indicated by a falling edge on SDA while
SCL remains high. This initiates the I2C sequence and
prevents other masters from driving the bus. Next, the
iC-PI device ID (0x55) must be written by the master
followed by the read/write mode bit (W). A low W bit
selects write mode and a high W bit selects read mode.
iC-PI acknowledges the valid device ID by pulling SDA
low while the master is not driving SDA (A).
The next 8 bits are the iC-PI address at which the data
is to be written. After the 8th bit, iC-PI again acknowl-
edges the received bits by pulling SDA low after a falling
edge on SCL. The third and following bytes contain the
data to be written. After a byte has been written, the
address is incremented so that multiple bytes can be
written sequentially. If the address is valid, the iC-PI
acknowledges the write command. After the last byte,
the master must release SCL so it is pulled high and
then also release SDA to generate a stop condition (P).
SCL
SDA
S
P
7
ADDRESS
A
6 5 4 3 2 1 0
1 0 1 0 1 0 1 W
DEVID
A
DATA
A
7 6 5 4 3 2 1 0
Figure 5: I2C write command in slave mode
For reading a register via I2C interface, the desired reg-
ister address must be sent to the iC-PI via an I2C write
command. After the address is acknowledged by iC-PI,
the master has to restart (R) the I2C sequence by plac-
ing a second start edge on SDA with SCL remaining
high. Next, the read command begins with the DEVICE
ID and the read/write mode bit (W) set to select read
mode (high). If the address is valid, the iC-PI acknowl-
edges the register read by pulling SDA low (A) and
then transmits the register contents of the specified ad-
dress. After a byte is read, the address is incremented
so that multiple bytes can be read sequentially. After
each byte, the master has to acknowledge that the byte
was received by pulling SDA low. Otherwise the iC-PI
goes into I2C idle mode. Figure 7 shows a read request
of position data at addresses 0x34 and 0x35, and the
latch event of the sensor data.
SCL
SDA
S
1 0 1 0 1 0 1 W
DEVID
A
R
7
ADDRESS
A
6 5 4 3 2 1 0
1 0 1 0 1 0 1 R
DEVID
A
P
DATA
A
7 6 5 4 3 2 1 0
Figure 6: I2C read command in slave mode
SCL
SDA
S
1 0 1 0 1 0 1 W
DEVID
A
R
0
ADDRESS
A
0 1 1 0 1 0 0
1 0 1 0 1 0 1 R
DEVID
A
P
DATA
A
7 6 5 4 3 2 1 0
REQUEST
DATA
A
7 6 5 4 3 2 1 0
Figure 7: I2C position data read command in slave mode
Device Configuration Using I2C Slave Mode
The registers 0x00 to 0x2E must be initialized with cor-
rect values before enabling iC-PI. This can be done
through the I2C slave interface if iC-PI is used without
an EEPROM or if the EEPROM content is invalid. Ini-
tially, RUN (bit 7 of address 0x02) must be set to zero,
then all registers must be configured. Finally, set RUN
to one without changing other bits of address 0x02 to
enable the device.
RUN
Addr. 0x02, bit 7
Code
Function
0
Device standby: Sin/D converter disabled and all
output drivers forced low (configuration changes
allowed, see Table 12)
1
Device enabled: Restart of Sin/D conversion, output
drivers active (configuration data must be valid)
Notes
RUN is evaluated only during I2C slave mode.
Writing changes the function.
Reading does not return the chip’s state.
Table 9: Device Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com