Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 34 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 34 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 30Page - IC-Haus GmbH IC-PI Datasheet HTML 31Page - IC-Haus GmbH IC-PI Datasheet HTML 32Page - IC-Haus GmbH IC-PI Datasheet HTML 33Page - IC-Haus GmbH IC-PI Datasheet HTML 34Page - IC-Haus GmbH IC-PI Datasheet HTML 35Page - IC-Haus GmbH IC-PI Datasheet HTML 36Page - IC-Haus GmbH IC-PI Datasheet HTML 37Page - IC-Haus GmbH IC-PI Datasheet HTML 38Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 34/48
tance intermediately. Afterwards, the applied angle is
continuously tracked again.
Full-Scale Interpolation (Over 2x 180°)
DUAL
Addr. 0x07, bit 7
Code
Mode
0x0
Analog input function
0x1
2-bit digital input function
Table 49: Dual Input Mode
Utilizing the digital input mode for channel CH0 (DUAL =
1, see Table 49), the signals applied to the inputs X1
and X2 are interpreted as a Gray-coded multiturn posi-
tion. iC-PI uses this information to distinguish between
the first and second half of the mechanical revolution,
when sin/cos signals with 2 cycles per turn are applied
(refer to input signal X3 in Figure 18).
X1
X2
X3
PA
PB
PZ
Figure 18: Signal example for interpolation factor x8
(for DUAL = 1).
For X1 and X2, the following pin signals are expected:
Pin X1
Pin X2
Quadrant Information
State
State
Quadrant
0
0
First quadrant
0
1
Second quadrant
1
1
Third quadrant
1
0
Fourth quadrant
Table 50: Quadrant Detection (for DUAL = 1)
The count and index signals change based on the val-
ues of three registers: SELRES, CFGZPOS, and DUAL.
SELRES determines the conversion resolution and
CFGZPOS the angle at which the signal is output. If
DUAL = 0 (analog), the signals are output within one
sine period, else DUAL = 1 (digital) and the signals are
output once per every two sine periods, which corre-
spond to one revolution.
The internal absolute position can be shifted by the
register OFFSET. Accordingly, this offset also shifts the
incremental signals and the commutation signals. The
shift range is within 1 sine period for DUAL = 0, and 2
sine periods for DUAL = 1.
OFFSET
Addr. 0x26, bit 7:0
Code
Absolute position offset
0x00
0°
0x01
1.4°
. . .
. . .
0xFF
358.6°
Table 51: Absolute Position Offset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com