Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 20 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 20 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 16Page - IC-Haus GmbH IC-PI Datasheet HTML 17Page - IC-Haus GmbH IC-PI Datasheet HTML 18Page - IC-Haus GmbH IC-PI Datasheet HTML 19Page - IC-Haus GmbH IC-PI Datasheet HTML 20Page - IC-Haus GmbH IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 20/48
POSITION DATA OUTPUT USING I2C
SENSDAT
Addr. 0x34-0x35
Addr.
Bits
Function
0x34 1
7:0
Sensor Data 11:4 2
0x35
7:4
Sensor Data 3:0 2
0x35
3
Pin X2 state 3
0x35
2
Pin X1 state 3
0x35
1
ESYNC: Error for sync. state
0x35
0
EINC: Error for incremental state
Notes
1 Accessing 0x34 latches the position registers
0x34...0x37 for consistent position data (using
PDMODE = 0).
2 The zero angle follows the zero position configured
by CFGZPOS.
3 Status of digital input pin (using DUAL = 1).
Table 13: Position Data: Angle
PERIOD
Addr. 0x36-0x37
Addr.
Bits
Function
0x36 4
7
PMODE: Period Counting Mode
0x36
6:0
Period high
0x37
7:0
Period low
Notes
4 Accessing 0x36 latches 0x36 and 0x37 for
consistent period data (using PDMODE = 1).
Table 14: Position Data: Period
By reading address 0x34, the internal single-turn posi-
tion (register sensor data) and multiturn position (reg-
ister period data) are latched, so that the position data
can be accessed by a burst read from address 0x34 to
0x37.
If the period counting mode PMODE is configured to 0,
the current period count of full sine-periods is presented
by the period registers. When passing the index mark in
the positive direction, the register’s value is cleared to
zero; when passing in the negative direction the signed
register’s value becomes negative.
If the period counting mode PMODE is configured to 1,
the last period count between the last two consecutive
index signals is presented by the period registers. This
feature can be used with distance-coded index marks.
When moving in the positive direction, the MSB (sign
bit) is 0 and when moving in the negative direction,
the MSB is 1. The lower bits represent the unsigned
number of periods. The period register’s content is
zero initially, until two consecutive index signals have
passed in the same moving direction.
PMODE=1
1
PMODE=0
0
0
+4
+4
+4
0
-4
-4
0
0 1 2 3 4 0 1 2 3 4 0 1
-3
-5 -4 -3 -2 -1 -5 -4 -3 -2 -1 0 1
2
-2
Figure 9: Output of PERIOD register in PMODE 0
and 1 with index pulse every 5 periods
PMODE
Addr. 0x36, bit 7
Code
Function
0
Current counted periods
1
Last counted periods
Table 15: Period Counting Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com