Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IC-PI Datasheet(PDF) 21 Page - IC-Haus GmbH

Part # IC-PI
Description  PROGRAMMABLE 12-BIT Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-PI Datasheet(HTML) 21 Page - IC-Haus GmbH

Back Button IC-PI Datasheet HTML 17Page - IC-Haus GmbH IC-PI Datasheet HTML 18Page - IC-Haus GmbH IC-PI Datasheet HTML 19Page - IC-Haus GmbH IC-PI Datasheet HTML 20Page - IC-Haus GmbH IC-PI Datasheet HTML 21Page - IC-Haus GmbH IC-PI Datasheet HTML 22Page - IC-Haus GmbH IC-PI Datasheet HTML 23Page - IC-Haus GmbH IC-PI Datasheet HTML 24Page - IC-Haus GmbH IC-PI Datasheet HTML 25Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 49 page
background image
preliminary
preliminary
iC-PI PROGRAMMABLE 12-BIT
Sin/Cos INTERPOLATION IC WITH RS422 DRIVER
Rev B1, Page 21/48
BIAS CURRENT SOURCE AND TEMPERATURE SENSOR
Bias Current Calibration
The calibration of the bias current source in operation
mode Calibration 1 (refer to Table 18 for an overview
of operating modes) is required to adhere to the given
Electrical Characteristics and also instrumental in the
determination of the chip timing (e.g. clock frequency
at SCL).
The IBN bias current is measured by connecting pin
VDDS and pin NB with a 10 kΩ resistor. When the volt-
age drop is 2 V, the bias current is adjusted to its target
value of 200 µA.
CFGIBN
Addr. 0x00, bit 3:0
Code k
IBN ∼ 31
39−k
Code k
IBN ∼ 31
39−k
0x0
79 %
0x8
100 %
0x1
81 %
0x9
103 %
0x2
84 %
0xA
107 %
0x3
86 %
0xB
111 %
0x4
88 %
0xC
115 %
0x5
91 %
0xD
119 %
0x6
94 %
0xE
124 %
0x7
97 %
0xF
129 %
Table 16: Bias Current
Temperature Sensor Calibration
The temperature monitoring is calibrated in operating
mode Calibration 3 (refer to Table 18 for an overview of
operating modes).
First, the temperature sensor voltage at which the warn-
ing message is generated, VTs, must be determined.
A voltage ramp from VDDS towards GNDS is applied
to pin PA until pin ERR pulls low textcolormarkupA2(at
approx. 4.4 V when coming from 5.0 V).
The following settings are required for this measure-
ment: EMASKA = 0x20 (excessive temperature warn-
ing enabled), EMTD = 0x00 (shortest alarm indication
time), and EPH = 0x00 (alarm output active low).
Note that the signal at pin ERR switches from tristate to
low (on reaching VTs) and already at just 25 mV lower
from low to tristate (on overshooting the temperature
shutdown threshold, which is not relevant to calibration).
To avoid confusion, a clear change of state (from high
→
low → high) should be generated using an external
pull-up resistor at pin ERR.
Example: VTs(T1) is approx. 640 mV, measured from
VDDS versus PA, with T1 = 25 °C;
The necessary warning activation threshold, VTth(T1),
is then calculated. The required warning temperature
T2, temperature coefficients TCs and TCth (see Electri-
cal Characteristics, Section E), and measurement value
VTs(T1) are entered into this calculation:
VTth(T1) =
VTs(T1) + TCs · (T2 − T1)
1 + TCth · (T2 − T1)
Example: for T2 = T1 + 100 K VTth(T1) must be pro-
grammed to 434 mV.
Reference voltage VTth(T1) is provided for a high
impedance measurement (10 MΩ) at output pin NA
(measurement against VDDS) and must be set to the
calculated value by programming CFGTA(3:0).
Example: altering VTth(T1) from 315 mV (measured
with CFGTA(3:0)= 0x0) to 434 mV is equivalent to
138 %, the closest value for CFGTA is 0x8;
CFGTA
Addr. 0x01, bit 3:0
Code k
VTth ∼ 65 + 3.25k
65
Code k
VTth ∼ 65 + 3.25k
65
0x0
100 %
0x8
140 %
0x1
105 %
0x9
145 %
0x2
110 %
0xA
150 %
0x3
115 %
0xB
155 %
0x4
120 %
0xC
160 %
0x5
125 %
0xD
165 %
0x6
130 %
0xE
170 %
0x7
135 %
0xF
175 %
Notes
CFGTA = 0xC: Tw is approx. 85 °C, and Toff is
approx. 97 °C typically.
CFGTA = 0x8: Tw is approx. 125 °C, and Toff is
approx. 137 °C typically.
Table 17: Temperature Monitoring



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com