Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 59 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 59 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 55Page - STMicroelectronics STV0974 Datasheet HTML 56Page - STMicroelectronics STV0974 Datasheet HTML 57Page - STMicroelectronics STV0974 Datasheet HTML 58Page - STMicroelectronics STV0974 Datasheet HTML 59Page - STMicroelectronics STV0974 Datasheet HTML 60Page - STMicroelectronics STV0974 Datasheet HTML 61Page - STMicroelectronics STV0974 Datasheet HTML 62Page - STMicroelectronics STV0974 Datasheet HTML 63Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 69 page
background image
Electrical characteristics
STV0974
59/61
5.5.6
VisionLink serial receiver timing
Figure 34: Read cycle timing
Figure 35: Write cycle timing
Table 43: VisionLink serial receiver input timing (
Figure 36)
Symbol
Parameter
Min.
Typ.
Max.
Unit
tDS
Data setup time
1
ns
tDH
Data hold time
2.7
ns
tCKP
Clock period
8.3
ns
RS
CSN
RDN
(WRN high)
Data[7:0]
tAS
tRP
tAH
tRREC
tRDH
tLZ
tRACC
tZL
RS
CSN
WRN
(RDN high)
Data[0:7]
tAS
tWP
tAH
tWREC
tWDH
tWDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com