Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 48 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 44Page - STMicroelectronics STV0974 Datasheet HTML 45Page - STMicroelectronics STV0974 Datasheet HTML 46Page - STMicroelectronics STV0974 Datasheet HTML 47Page - STMicroelectronics STV0974 Datasheet HTML 48Page - STMicroelectronics STV0974 Datasheet HTML 49Page - STMicroelectronics STV0974 Datasheet HTML 50Page - STMicroelectronics STV0974 Datasheet HTML 51Page - STMicroelectronics STV0974 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
48/61
STV0974
Functional description
Register Group 6
Note:
Access to the bits mentioned here above is done through a read-modify-write sequence. As an
example, when torch mode is set:
- when in idle mode:
set 0x8A44 bit[6] to 0 to enable the torch mode
set 0x8A43 bit[2:0] to 7 to light the torch (if the torch is active high)
- go into required Active mode (still/live or ViewFinder):
set 0x8A43 bit[2:0] to 0 to extinguish the torch
In the case of flash mode:
- when in idle mode:
set 0x8A45 bit[6] to 1 to set the flash pulse active low (default setting is flash pulse active high)
set 0x88D4 bit[2:0] to 7 to set the flash pulse length to 8 video lines
set 0xA104 bit [7:0] to 0 to set 0 transfer frame delay
set 0xA500 bit[3:0] to 5 to set white balance to “daylight” fixed setting
- go into flash mode:
the system automatically goes back to Idle.
Table 33: Flash mode management [register group 6]
Name
Index
R/W
State
code
Data
type
Format
default
Description
Torch polarity
0x8A43
R/W
I
I
RRRR.RDDD
RRR.R000
Bit[2:0]=0: Torch output (pin
DIO12) signal is low
Bit[2:0]=7: Torch output (pin
DIO12) signal is high
Torch control
0x8A44
R/W
I
I
RDRR.RRRR
R1RR.RRRR
Bit[6]=0: Torch output (pin DIO12)
pad enable.
Bit[6]=1: Torch output (pin DIO12)
pad in high impedance
Flash pulse
polarity
0x8A45
R/W
I
I
RDRR.RRRR
R0RR.RRRR
Bit[6]=0: Flash pulse active high.
Bit[6]=1: Flash pulse active low.
Flash pulse length
0x88D4
R/W
I
I
RRRR.RDDD
0000.0000
Bit[2:0]: line length - 1
Default is 0, corresponding to 1
video line (maximum pulse allowed
is 8 video lines).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com