Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 8Page - STMicroelectronics STV0974 Datasheet HTML 9Page - STMicroelectronics STV0974 Datasheet HTML 10Page - STMicroelectronics STV0974 Datasheet HTML 11Page - STMicroelectronics STV0974 Datasheet HTML 12Page - STMicroelectronics STV0974 Datasheet HTML 13Page - STMicroelectronics STV0974 Datasheet HTML 14Page - STMicroelectronics STV0974 Datasheet HTML 15Page - STMicroelectronics STV0974 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 69 page
background image
12/61
STV0974
Functional description
Byte ordering assumes a little endian memory system, i.e. in 16-bit formats, the least significant
byte is sent first. For example, the UYVY format produces the sequence U Y0 V Y1... as per [1].
Note:
Nevertheless various options are available to suit memory system requirements:
Byte ordering can be changed to big endian
In YUV formats, the U and V components can be swapped
In RGB formats, the R and B components can be swapped
YUV format processing The RGB pixel is converted to YUV coordinates according to ITU-R
BT601 specification. The YUV coordinates are then rounded and clipped for an 8-bit
representation. To produce a 4:2:2 digital component video, U and V components are filtered and
down sampled by a factor of 2, coincident with Y sampling time.
RGB format processing Dithering: In order to avoid contouring effects on low color depth
displays, the RGB components are dithered prior to truncation to the required number of bits.
Framing: The output frame is produced by performing the following steps:
1 Blanking code insertion: During video blanking intervals, blanking codes are inserted in the
output stream. The default blanking code is the 16-bit pattern 0x1080, corresponding to Y =
0x10 and U/V = 0x80 as per
[1].
2 Synchronization pattern detection and correction: The coder performs detection of various
synchronization patterns and applies a correction according to the current output format.
3 Video Timing Reference Code Insertion: A 4-byte sequence is inserted at the beginning and
the end of each digital video line to delineate lines and frames in the video stream. The
sequence is defined in
[1] as FF 00 00 XY, where the XY byte is defined by:
SAV (Start of Active Video) is defined as the 4-byte sequence where H = 0.
EAV (End of Active Video) is defined as the 4-byte sequence where H = 1.
Table 4: Output video formats
Name
Format
Description
UYVY
Y7Y6Y5Y4Y3Y2Y1Y0 U7U6U5U4U3U2U1U0
Y7Y6Y5Y4Y3Y2Y1Y0 V7V6V5V4V3V2V1V0
YUV (or YCBCR) 4:2:2 format as per [1]
RGB565
R4R3R2R1R0G5G4G3 G2G1G0B4B3B2B1B0
16-bit RGB format for direct viewfinder on 64 K color
LCDs.
RGB444
03020100R3R2R1R0 G3G2G1G0B3B2B1B0
16-bit RGB format for direct viewfinder on 4096 color
LCDs. Uses 4 bit per RGB component, the four MSB’s are
zero padded.
RGB332
R2R1R0G2G1G0B1B0
8-bit RGB format for low bit rate viewfinder usage.
Table 5: XY bits definition
Bit
Symbol
Definition
7 (msb)
1
Always 1.
6
F
Even / Odd Field. To maintain compatibility with
[1], F is alternatively 0 or 1.
5
V
V = 1 during field blanking, 0 otherwise.
4
H
H = 1 during line blanking, 0 otherwise.
3
P3
Protection bit: P3 = V xor H
2
P2
Protection bit: P2 = F xor H
1
P1
Protection bit: P1 = V xor V
0 (lsb)
P0
Protection bit: P0 = F xor V xor H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com