Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 20Page - STMicroelectronics STV0974 Datasheet HTML 21Page - STMicroelectronics STV0974 Datasheet HTML 22Page - STMicroelectronics STV0974 Datasheet HTML 23Page - STMicroelectronics STV0974 Datasheet HTML 24Page - STMicroelectronics STV0974 Datasheet HTML 25Page - STMicroelectronics STV0974 Datasheet HTML 26Page - STMicroelectronics STV0974 Datasheet HTML 27Page - STMicroelectronics STV0974 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 69 page
background image
24/61
STV0974
Functional description
FIFO Register (FIFO)
FIFO is a read-only register. When read, FIFO returns the least recent byte from the image data
FIFO, decrements the byte count and releases the FIFO interrupt if the count is lower than the
threshold. Reading from an empty FIFO returns the last valid byte read.
The image data FIFO is cleared at the beginning of VENV, the image vertical envelope. If the FIFO
is not empty, its contents are discarded and the FERR flag is raised in the status register SR. New
image data start to fill in the FIFO. If an overflow occurs during VENV, the FERR flag is also raised
in SR; FERR can be cleared through ICLR.
Microprocessor Interface Control Register (MICR)
MICR controls and configures the image data transfer.
Table 14: FIFO register
Bits
Name
Type
Description
[7:0]
FIFO
RO
Image data byte (uncompressed or compressed).
Table 15: Microprocessor Interface Control Register
Bits
Name
Type
Description
[7:6]
-
-
Reserved.
5
IRQPOL
RW
IRQ pin polarity:
0 = active high
1 = active low
4
DRQPOL
RW
DRQ pin polarity:
0 = active high
1 = active low
[3:2]
BSIZE
RW
DMA burst size and enable:
00 = DMA operation disabled, DRQ pin is high impedance
01 = 8-byte burst
10 = 16-byte burst
11 = 32-byte burst
1
-
-
Reserved, read as zero, ignored upon write
0
CLR
WO
Clear FIFO (Write Only, read as 0):
0 = No action
1 = Reset FIFO to empty state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com