Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 6Page - STMicroelectronics STV0974 Datasheet HTML 7Page - STMicroelectronics STV0974 Datasheet HTML 8Page - STMicroelectronics STV0974 Datasheet HTML 9Page - STMicroelectronics STV0974 Datasheet HTML 10Page - STMicroelectronics STV0974 Datasheet HTML 11Page - STMicroelectronics STV0974 Datasheet HTML 12Page - STMicroelectronics STV0974 Datasheet HTML 13Page - STMicroelectronics STV0974 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
10/61
STV0974
Functional description
4.3
Video processing unit
4.3.1
Features
Low-power dedicated hardware video processing unit, pipeline operation up to VGA resolution
30 Hz
Image sensor correction stage including pixel defect correction and fixed pattern noise (FPN)
cancellation
Color interpolation stage with anti-aliasing and color matrix compensation
Optical system compensation stage including anti vignetting and sharpness enhancement
Noise reduction filter
Programmable gamma and s-curve gamma for LCD support
Full frame statistics gathering for exposure and color balance controls
Programmable output image size (downscale by 1.5, 2, 2.5, 3, 4, 5 and 6)
4.3.2
Overview
Fixed Pattern Noise (FPN) cancellation The FPN cancellation algorithm removes any column
variability over the video area.
Statistics gathering Image statistics are gathered on the full resolution input image and
forwarded to the camera control unit for exposure and color balance control loops.
Anti vignetting A radial gain is applied to the image luminance to compensate for possible
luminance loss in the corners of the image due to an imperfect lens system.
Defect correction The defect correction algorithm can detect and correct any defective pixels in a
sensor array.
Noise reduction filter The noise reduction filter is based on an adaptive algorithm. This algorithm
performs filtering but does not affect image areas including significant information.
Color interpolation Each pixel RGB components are calculated by interpolation of the incoming
Bayer pattern.
Figure 2: Video processing unit
To video processing unit
Input
FPN
Color interpolation
Color matrix
Gamma
Scaler
Sharpness
enhancement
Anti-vignetting
Defect
correction
Noise
reduction
Statistics
gathering
Microprocessor
control unit
and
video compression unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com