Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 8 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 4Page - STMicroelectronics STV0974 Datasheet HTML 5Page - STMicroelectronics STV0974 Datasheet HTML 6Page - STMicroelectronics STV0974 Datasheet HTML 7Page - STMicroelectronics STV0974 Datasheet HTML 8Page - STMicroelectronics STV0974 Datasheet HTML 9Page - STMicroelectronics STV0974 Datasheet HTML 10Page - STMicroelectronics STV0974 Datasheet HTML 11Page - STMicroelectronics STV0974 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 69 page
background image
8/61
STV0974
Functional description
4.1.2
Control
Register map The STV0974 is controlled via a register map that is maintained by the STV0974
microprocessor. Each register in the map has an address and contains either read or read/write
data. The read only registers detail the current state of the STV0974. Read/write registers can be
written to in order to modify the default behavior of the STV0974. The map is accessed via I2C or
via the microprocessor interface.
Micro processor interface In microprocessor interface mode the STV0974 register map can be
accessed by writing the address of the register to the port and then reading or writing the register
value.
Video output interface In streaming video mode, the STV0974 register map can be accessed via
the I2C port on the STV0974. The STV0974 is addressed by supplying the device address, register
address and value to be written or read.
Microprocessor The microprocessor maintains the system interface via the register map. Any
changes in system state are reflected in this map by the microprocessor and any changes
commanded by the host system via this interface are then applied by the microprocessor.
When the system is commanded to change state, the microprocessor configures the functional
blocks from the STV0974 and the sensor into the requested mode. The register map is updated
accordingly to reflect the new state of the hardware.
The microprocessor monitors statistics gathered from the incoming image data and responds to
changes in images. It adapts the functional block settings to correct for shifts in environmental
conditions such as light level and illumination color temperature. The microcontroller will optimize
these settings to provide the best quality image on all occasions.
4.1.3
Other functional blocks
Power management The hardware state of the STV0974 can be controlled by the power down pin
(PDN). Upon the application of power to the STV0974 and PDN release, the STV0974 power-on-
reset cell issues a timed reset pulse and then releases the STV0974 into its boot state.
The power-on-reset cell which output is the POR signal, is externally connected to the RST pin.
Clocks In sleep mode, the STV0974 clock is derived from the clock signal applied to the CLK pin.
In all other modes, the STV0974 clock is derived from the high speed clock received from the
sensor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com