Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 19Page - STMicroelectronics STV0974 Datasheet HTML 20Page - STMicroelectronics STV0974 Datasheet HTML 21Page - STMicroelectronics STV0974 Datasheet HTML 22Page - STMicroelectronics STV0974 Datasheet HTML 23Page - STMicroelectronics STV0974 Datasheet HTML 24Page - STMicroelectronics STV0974 Datasheet HTML 25Page - STMicroelectronics STV0974 Datasheet HTML 26Page - STMicroelectronics STV0974 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
Functional description
STV0974
23/61
Data Write Register (DW)
The data write register contains the byte to transfer to a camera register. DW can be written only
when SR bit RDY is set.
Data Read Register (DR)
The Data Read Register contains the byte transferred from a camera register. DR is valid only
when SR bit RDY is set.
4.5.4
Indirect registers
The microprocessor interface indirect registers are accessed by the host using an indirect address
base of 0x8FF0 / 0xCFF0 (write / read). Register offsets are listed in
Table 13:
Table 11: Data write register
Bits
Name
Type
Description
[7:0]
DW
WO
Data Byte to write to camera subsystem.
Table 12: Data Read register
Bits
Name
Type
Description
[7:0]
DR
RO
Data Byte read from the camera subsystem.
Table 13: Microprocessor interface indirect register map a b
a. 16-bit values are in little-endian representation, i.e. LSB at lower address.
b. No data polling is required to access the microprocessor interface indirect registers.
Offset
Name
Description
0x00
FIFO
FIFO read register.
0x01
MICR
Microprocessor interface control register
0x02
IMASK
Interrupt mask register
0x03
ICLR
Interrupt clear register
0x04
0x05
FTHR
FIFO threshold register.
0x06
0x07
FCNT
FIFO count register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com