Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 9 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 5Page - STMicroelectronics STV0974 Datasheet HTML 6Page - STMicroelectronics STV0974 Datasheet HTML 7Page - STMicroelectronics STV0974 Datasheet HTML 8Page - STMicroelectronics STV0974 Datasheet HTML 9Page - STMicroelectronics STV0974 Datasheet HTML 10Page - STMicroelectronics STV0974 Datasheet HTML 11Page - STMicroelectronics STV0974 Datasheet HTML 12Page - STMicroelectronics STV0974 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
Functional description
STV0974
9/61
4.2
Sensor interface
4.2.1
Features
● Low electromagnetic interference (EMI) interface with CMOS image sensors
● High speed serial receiver, with data and clock inputs
● Up to 120 Mbit/s operation using very low voltage differential signaling (vLVDS)
● VisionLink transfer protocol
● I²C compliant master controller, 1.8 V interface, up to 400 kHz operation
4.2.2
Description
The STV0974 sensor interface is dedicated to the VS6552 image sensor that uses the VisionLink
data transfer protocol over vLVDS. This includes:
● An I²C master controller supporting 1.8 V interface and 400 kHz operation. The I²C master port
signals are MSDA and MSCL that require external pull-up resistors. Internally, the I²C master is
a peripheral of the microprocessor control unit.
● Two vLVDS receivers for sensor data and clock signals, PDATA and PCLK differential pairs
respectively. Each receiver accepts 1.8 V LVDS signals
● A VisionLink data synchronization and extraction unit, which extracts image timing references,
active video and sensor status information. The extracted video stream in raw Bayer format
along with active video strobes are connected to the video processing unit. The sensor status
information is presented to the microprocessor control unit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com