Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 7Page - STMicroelectronics STV0974 Datasheet HTML 8Page - STMicroelectronics STV0974 Datasheet HTML 9Page - STMicroelectronics STV0974 Datasheet HTML 10Page - STMicroelectronics STV0974 Datasheet HTML 11Page - STMicroelectronics STV0974 Datasheet HTML 12Page - STMicroelectronics STV0974 Datasheet HTML 13Page - STMicroelectronics STV0974 Datasheet HTML 14Page - STMicroelectronics STV0974 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 69 page
background image
Functional description
STV0974
11/61
Color matrix Each pixel (RGB vector) is multiplied by a color matrix to adjust color balance.
Viewfinder and live settings are independent to allow for optimization of both LCD display and
capture for later viewing (i.e. on a PC).
Sharpness enhancement A sharpening two-dimensional mask is applied to Green only and from
interpolation. The resulting data is added (with a gain factor) to the matrix RGB data.
Downscaler The downscaler unit extracts a rectangular region of interest and resizes the image by
resampling video data. Standard image size such as CIF, QVGA and QCIF are available as well as
a fully programmable custom size:
When custom size is selected, the crop and scale parameters are subject to the following
constraints to ensure proper operation:
Output image size must be in 8 x 8 pixels increments
Scaling factor can be any value giving an input image size within input limits
Gamma correction A non-linear gain is applied to each pixel’s RGB components to compensate
for the display’s non-linearity. A standard curve is available for image capture for later viewing on a
PC and an S-curve is available for LCD display.
Coder The coder unit converts the internal RGB video stream to a user selectable output video
format. It is based on a YUV digital video encoder with embedded synchronization codes,
compliant with
[1], extended with the support of RGB formats for viewfinder usage, as shown in
Table 4.
Table 3: Standard image size, VGA input
Format
Image size
Cropping
Scaling
Comments
VGA
640 x 480
None
None
CIF
352 x 288
528 x 432
/ 1.5
82.5% of input image used, centered
QVGA
320 x 240
None
/ 2
QCIF
176 x 144
528 x 432
/ 3
82.5% of input image used, centered
QQVGA
160 x 120
None
/ 4
SubQCIF
128 x 96
None
/ 5
QQCIF
88 x 72
528 x 432
/ 6
82.5% of input image used, centered
Custom
max VGA
Any
Any
See below



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com