Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 68 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 68 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 61Page - STMicroelectronics STV0974 Datasheet HTML 62Page - STMicroelectronics STV0974 Datasheet HTML 63Page - STMicroelectronics STV0974 Datasheet HTML 64Page - STMicroelectronics STV0974 Datasheet HTML 65Page - STMicroelectronics STV0974 Datasheet HTML 66Page - STMicroelectronics STV0974 Datasheet HTML 67Page - STMicroelectronics STV0974 Datasheet HTML 68Page - STMicroelectronics STV0974 Datasheet HTML 69Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 68 / 69 page
background image
68/69
STV0974
Revision history
Revision history
References
Revision
Date
Comments
0.1
December 2003
Product preview, draft 10 released in ADCS
0.2
January 2004
Update of application schematics to reflect the changes on some pin name for the
VS6552.
Update of some register default values.
1
April 2004
Description of video compression block in
Functional description.
Addition of Register Group 6 for flash mode (
I²C register map.)
Review of register default values in
I²C register map.
Review and update of device characteristics in
Electrical characteristics
1
June 2004
Minor revision. Updated cross reference to Table 35
2
28 Oct 2004
Document status changed to datasheet to reflect the product maturity level.
Changes applied:
Table 21: Timing constraints : t5 value changed to 7 µs minimum (instead of 20µs)
Table 41: Video output timing (Figure 33) - Note 1 change capacitance value to
12pF( instead of 30 pF)
Section 3: Signal description: Added precisions about internal resistor for
PDATAP/N and PCLKP/N
Electrical characteristics: Modified IDDP typical value 5 µA (instead of 10).
PCB layout guide lines for the STV0974 and VS6552: Added one sentence about
embedded termination resistors in the STV0974.
3
23 Nov 2004
Minor revision. Format update.
[1]
ITU-R Rec.BT.656-4. Interfaces for digital component video signals in 525-line and 625-line
television system operating at the 4:2:2 level of recommendation ITU-R BT.601 (Part A), 1986-
1992-1994-1995-1998
[2]
ITU-T Rec. T.81 (1992E) - ISO/IEC 10918-1:1993(E), Information Technology- Digital
compression and Coding of Continuous-tone Still Images - Requirements and Guidelines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com