Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 36 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 36 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 32Page - STMicroelectronics STV0974 Datasheet HTML 33Page - STMicroelectronics STV0974 Datasheet HTML 34Page - STMicroelectronics STV0974 Datasheet HTML 35Page - STMicroelectronics STV0974 Datasheet HTML 36Page - STMicroelectronics STV0974 Datasheet HTML 37Page - STMicroelectronics STV0974 Datasheet HTML 38Page - STMicroelectronics STV0974 Datasheet HTML 39Page - STMicroelectronics STV0974 Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
36/61
STV0974
Functional description
Idle to viewfinder / live The sensor field and line lengths are set according to user-defined frame
rate and data output format. The STV0974 processes all sensor data on the fly. Exposure and white
balance controls are computed at the end of each frame.
Viewfinder / live to idle
The STV0974 processes all the frame data and switches to idle mode after the last byte.
See
Figure 24 below.
Figure 23: Idle to viewfinder or live
Figure 24: Viewfinder or live to idle timing
SCL/SDA
974 Mode
Idle
VF or Live
Goto VF
MSCL/MSDA
Sensor
Goto Video
Active
or Goto Live
Sensor Mode
Idle
Video Active
VisionLink data
t0
t1
t2
t3
t0: Time to interpret Mode change command (< 1ms)
t1: Time to set VF or Live parameters inside the STV0974 and to send VF or Live settings to the sensor (~2ms)
t2: Time to go from Idle to Video Active state (Sensor side)
t3: Exposure time (Sensor side). It depends on the frame rate.
settings
SCL/SDA
974 Mode
Goto Idle
MSCL/MSDA
Goto Idle
Sensor Mode
Idle
Video Active
VisionLink data
t0
t1
t2
t0: Time to interpret Mode change command (< 1ms)
t1: Time to finish sending frame (< 33 ms)
t2: Time to flush all the STV0974 video pipe and the interface FIFO (interface dependant)
Idle
VF or Live
STV0974
output data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com