Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 42 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 38Page - STMicroelectronics STV0974 Datasheet HTML 39Page - STMicroelectronics STV0974 Datasheet HTML 40Page - STMicroelectronics STV0974 Datasheet HTML 41Page - STMicroelectronics STV0974 Datasheet HTML 42Page - STMicroelectronics STV0974 Datasheet HTML 43Page - STMicroelectronics STV0974 Datasheet HTML 44Page - STMicroelectronics STV0974 Datasheet HTML 45Page - STMicroelectronics STV0974 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 69 page
background image
42/61
STV0974
Functional description
Input / Output
Protocol Control
0xA00A
R/W
S
I
RDDD.RDDD
0001.0100
Bit [7]: Reserved
Bit [6:4]: Input
0: Reserved
1: VisionLink
2-3: Reserved
4: Color bars generator
Bit [3]: Reserved
Bit [2:0]: Output
0: Reserved
1: Reserved
2: I2C/ITU-R 656 embedded
synchro
3: I2C /ITU-R 656 external synchro
I2C / JPEG parallel output
4: Microprocessor interface
controller / microprocessor
interface
5: Reserved
a. See
Clock input section, for standard external clock frequencies supported.
b. The product limitation in derating mode is :
2: Half Speed -> Max I2C clock is 200 kHz
4: Quarter Speed -> Max I2C clock is 100 kHz
Table 27: System and status [register group 0]
Name
Index
R/W
State
code
Data
type
Format
default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com