Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 14Page - STMicroelectronics STV0974 Datasheet HTML 15Page - STMicroelectronics STV0974 Datasheet HTML 16Page - STMicroelectronics STV0974 Datasheet HTML 17Page - STMicroelectronics STV0974 Datasheet HTML 18Page - STMicroelectronics STV0974 Datasheet HTML 19Page - STMicroelectronics STV0974 Datasheet HTML 20Page - STMicroelectronics STV0974 Datasheet HTML 21Page - STMicroelectronics STV0974 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 69 page
background image
18/61
STV0974
Functional description
4.4.5
Entropy coder
This block performs the following functions:
● insertion of JPEG Markers
● runlength encoding
● Huffman encoding
4.4.5.1 JPEG markers
These markers are compliant with ISO DIS 10918-1 Annex B.
The output JPEG file includes markers defined in
Table 7, in order of appearance.
4.4.5.2 Runlength and Huffman encoding
Encoding of DC coefficient
The so-called DC coefficient is the first coefficient of each DCT data block. This DC coefficient is
coded through its DPCM difference with its previous value, which is huffman encoded. This is
described in ISO DIS 10918-1 Annex A - Section F.1.2.1. The DC Huffman tables are described in
ISO DIS 10918-1 Annex A - Section K.3.
In the example from
Figure 10, the DC coefficient in Block Y2 is equal to 4, the previous Luminance
DC coefficient is 12 (DC coefficient of Block Y1). The DPCM value is 4-12 = -8 and the encoded
value will be Huffman (-8). The code that is generated is Code = DC Huffman (-8).
Encoding of AC coefficients
The 63 left coefficients of each DCT block are called AC coefficients. They are encoded using run-
length and Huffman encoder. The run-length encoding consists in counting the number of zero
values between each non-zero coefficient. When a non zero coefficient is found, the Huffman code
of the pair (number of preceding zero, Number value) is Huffman encoded. If a run contains more
than 15 zeros, a specific number called ZRL is Huffman encoded.
If all the values up to the end of the block are equal to zero, a specific code called EOB is Huffman
encoded.
Table 7: JPEG markers included in
STV0974 output data stream
Marker Function
Name
Value
Start of image
SOI
FFD8
Define Quantization Table
DQT
FFDB
Start of frame for baseline DCT
SOF0
FFC0
Define Huffman Tables
DHT
FFC4
Start of Scan
SOS
FFDA
End of image
End of image
FFD9
Figure 10: Encoding of DC coefficient
1
Block Y1 data values
12
234
DCT coefficient numbers in zigzag order
64
63
DC
AC
DC
234
63
1
AC
Block Y2 data values
416
77
1
0
4
5
22
10
0
0
64



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com