Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STV0974 Datasheet(PDF) 44 Page - STMicroelectronics

Part # STV0974
Description  Mobile Imaging DSP
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0974 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button STV0974 Datasheet HTML 40Page - STMicroelectronics STV0974 Datasheet HTML 41Page - STMicroelectronics STV0974 Datasheet HTML 42Page - STMicroelectronics STV0974 Datasheet HTML 43Page - STMicroelectronics STV0974 Datasheet HTML 44Page - STMicroelectronics STV0974 Datasheet HTML 45Page - STMicroelectronics STV0974 Datasheet HTML 46Page - STMicroelectronics STV0974 Datasheet HTML 47Page - STMicroelectronics STV0974 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 69 page
background image
44/61
STV0974
Functional description
Viewfinder Image
Format
0xC107
R/W
S I L C
I
RRRR.RDDD
0000.0011
[4]: JPEG
[3]: YUV 4:2:2
[2]: RGB 5:6:5
[1]: RGB 4:4:4
[0]: RGB 3:3:2
a. The corresponding frame rates are considered as targets. If the target cannot be achieved due to
derated sensor clock or output format versus output protocol, the closest possible frame rate is
achieved, knowing that 30 frame/s is the highest frame rate supported by the device.
b. For custom output sizes, please refer to
Section 4.6. When continuous mode is selected (255), the
grabbed image is output until the mode control register is modified.
Table 28: Image characteristics [Register group 1]
Name
Index
R/W
State
code
Data
type
Format
default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com