Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 5 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 5 Page - Fortune Semiconductor Corp.

  FS501 Datasheet HTML 1Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 2Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 3Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 4Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
1.
Introduction to FS501 Chip
FS501 is a high resolution analog-to-digital converter (ADC) chip. The core of this chip is an 18-bit resolution

ADC. Besides the  ADC, FS501 consists of switching circuits, operational amplifier (op amp), digital filter,
crystal oscillation circuits, digital control logic, and microprocessor interface. Under 5V working voltage, this
chip consumes 1.2mA power.
FS501 contains two op amps and several programmable ADC direct inputs. The input signals of the ADC and
the reference voltages are fully differential. This mechanism can measure the fully differential small signals.
The application includes electronic scale and infrared ear thermometer.
The FS501 ADC contains two digital filters. One is an 18-b/5Hz high resolution output, and the other is a
12-b/325Hz resolution output.
Table 1. FS501 IC Chip
IC Chip
Package
High Resolution
Bits/Hz﹞
Low Resolution
Bits/Hz﹞
Voltage Low Detector/
(Thermistor) Resistance Measuring
FS501F
LQFP44
18/5
12/325
Characteristics
Embed High resolution  ADC
Five 18-bit high resolution outputs per second
325 12-bit outputs per second
Embed two op amps
Embed a voltage regulator, input: 5 V, outputs: 2.5 V and 4V
Chip current is less than 1.2mA
With power saving mode
50/60 Hz noise distortion
Embed crystal oscillation circuits
Standard 4-bit parallel port interface, can be directly connected to microprocessor I/O ports
With four programmable ADC direct input channels



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com