Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 13 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 13 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 17Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
The interrupt procedures are as follows:
(1) When new data appear in the enabled measure register, IRQO is cleared to 0 and kept in 0.
(2) The microprocessor is activated by the negative edge of IRQO and then reads the contents of the
interrupt status register.
(3) After the read of interrupt status register, IRQO is set to 1.
(4) Check IRQO. If it is not 1, the negative edge signal was not captured, and the microprocessor has to read
the interrupt status register again.
When reading the interrupt register, the negative edge of the new interrupt signal may be lost. Step (4) may
improve this problem. The value of the interrupt status register whether is refreshed or not is independent of
interrupt enable register. The interrupt enable register only affects the IRQO output.
Measure Registers
Table 5. Measure Register
Address
Name
Content
Register Length
Read Times
0E
SUM1<15:0>
Output of low resolution high speed ADC
16
4
0F
SUM1<23:0>
Output of low speed high resolution ADC
24
6
The measure register and the corresponding address of FS501 are shown in Table 5. It is an output for reading
of the microprocessor.
The read timing sequence of the measure register is shown in Fig. 2. The negative edge of IRQC will clear
INSTA<0>. The read count for each read should be correct. Otherwise, the high ALE will clear CYCNTR
(read/write cycle counter) to 0. The read count of the measure register is shown in the last column of Table 5.
When read the measure register, the low of RD_ should be longer than the sampling cycle of the ADC at the
first read cycle. For other read cycles, the low of RD_ can be at least 2us. For example, the sampling rate of the
ADC is 83.3kHz; then the first read cycle for reading the measure register should be greater than 12us.
ALE
RD_
CS_
Address 0F
DATA<3:0>
READ MEASURED REGISTER CYCLE
DATA<N:N-3>
0
1
N/4
CYCNTR
DATA<N-4:N-7>
IRQC
AD<3:0>
2
Fig. 2. The Read Timing Sequence of Measure Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com