Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 18 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 18 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 19Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 20Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 21Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 22Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 31 page
background image
7.
Function Network
SMV
ACBUF
ACDIV
ACDIV
ACEN
BPACBF
RCTOP
12K
INHMUX
SMV
SDV
NC
SGND
SDB
NC
AX5
FTIN
SINH<3:0>
INLMUX
SGND
SCV
SDV
INL
SINL<2:0>
VRHMUX
ADRF
SCV
SMV
VRH
SRFH<1:0>
VRLMUX
AGND
SCV
SDB
VRL
SRFL<2:0>
CMPHMUX
SMV
SDV
NC
CMPH
SCMPH<3:0>
ADRF
AX1
AX2
RCTE
N
FTR
FTR
BPFTR
INH
INL
VRH
VRL
SGND
ADRF
AX2
AX3
SMV
SGND
ADRF
AX2
AX3
ACBO
CMP1
CMPEN1
AGND
CMP1
HUNK
TENM
tenm<0>
tenm<1>
hunk<0>
hunk<1>
hunk<2>
tenm<1>
OSRMUX
AX5
Vrefh
OSRC
osr
osr
osr
OSRC
SOSR1:0
(VDD)
OSRO
SMV
AX3
AX4
AX3
NC
SDB
AX2
AX3
AX4
ADRF
ACBO
CMPH
AX1
AX2
AX3
AX4
LBS
SCV
SDV
Fig. 8. Function Network of FS501
The function network is shown in Fig. 8. There are multiplexers, op amps, and comparators. Control registers
can set multiplexers, INHMUX, INLMUX, VRHMUX, VRLMUX, and SCMPHMUX, to select working channels.
The op amps, ACBUF and RCTOP, can be used as the amplifier or input voltage buffer. OSRC is the
embedded Ohm voltage source for resistance measuring. The comparator is to compare the input signal with
AGND, and the output can be read through the register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com