Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 15 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 15 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 16Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 17Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 18Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 19Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
Power Saving Mode
In FS501 except VCCR generator, the user can use the control registers to turn off part of the circuits to reduce
power consumption. The control signals related to power saving are shown in Table 6. If we turn off all the
devices (circuits) but keep VCCR active, shown in Table 6, the total current of FS501 chip will be less than
10uA
Table 6. Setting of the Power Saving Mode
Register
Control Name
Power-Saving Setting Power Consumption Circuit
AFT<6>
RCTEN
0
Op Amp
AFT<4>
ACEN
0
Op Amp
ADG<7>
ENAD
0
ADC
SETADC<7:6>
ENVDS, ENVCS
00
Switching Power Output
MISC1<4>
ENOSCO_
1
OSCO Output
MISC1<3>
ENXTL_
1
Crystal Oscillator
MISC2<1>
ENGNDR_
1
GNDR Voltage Regulator
Switchable Power Output
VDD/VCC
ENVDS/
ENVCS
VDDS/
VCCS
Fig. 5. Switchable Power Output
Terminals of VDDS and VCCS are the switchable power outputs of VDD and VCC respectively, and the circuit
diagram is shown in Fig. 5. VDD/VCC is fed in the PMOS switch, and VDDS/VCCS is the output. The PMOS
switch is controlled by ENVDS/ENVCS control signal. Signals 0 and 1 will turn on and turn off the PMOS switch
respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com