Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 12 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 12 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 14Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 15Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 16Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
The read/write timing sequences of all the control registers are shown in Fig. 1. The length of the
data is 8-bit wide, therefore, it needs to read and write consecutively twice (MSB 4 bits first then LSB
4 bits). Otherwise, the activation of next ALE will reset the CYCNTR (cycle counter) and it will start
from the MSB 4 bits of next instruction.
ALE
RD_
CS_
Address, 00~08
DATA<7:4>
READ CONTROL REGISTER CYCLE
DATA<3:0>
AD<3:0>
ALE
WR_
CS_
Address, 00~08
DATA<7:4>
WRITE CONTROL REGISTER CYCLE
DATA<3:0>
Next Address
CYCNTR
0
1
2
CYCNTR
0
1
2
AD<3:0>
Fig. 1. The Read/Write Timing Diagram of the Control Registers
Interrupt Process
If new data are converted by the ADC and are read by the interface of the microprocessor, that is new event
occurred, this chip activates an interrupt signal through IRQO to the microprocessor to request for accessing.
When the microprocessor receives a negative edge-triggered interrupt signal, the measure register of FS501
has measured new data. The interrupt of the measured event is triggered by signal INTEN (as shown in Table
4).
Table 4. Interrupt Status Register
INSTA
INSTA<1>
INSTA<0>
Event
High speed low resolution AD
conversion
High resolution low speed AD
conversion
INTEN
INTEN<1>
INTEN<0>
Function
Corresponding IRQO enable Corresponding IRQO enable
When the microprocessor is reading data from the measure register, the corresponding interrupt bit is cleared
to 0 to wait for next new measured data.
Interrupt status register, INSTA<0>, is a read-only register. Whereas interrupt enable register, INTEN<0>, is a
read/write register. The read/write timing sequences of these two registers are the same as that of control
registers (as shown in Fig. 1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com