Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS501 Datasheet(PDF) 9 Page - Fortune Semiconductor Corp.

Part # FS501
Description  18-bit ADC with two low noise OPAMPs
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS501 Datasheet(HTML) 9 Page - Fortune Semiconductor Corp.

Back Button FS501 Datasheet HTML 5Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 6Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 7Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 8Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 9Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 10Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 11Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 12Page - Fortune Semiconductor Corp. FS501 Datasheet HTML 13Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
Package:
LQFP44 10*10
Dice size: 3.578*3.146 mm
Pad No.
Name
X[mm]
Y[mm]
Pad No.
Name
X[mm]
Y[mm]
1
XTALO
2.675
2.937
31
RCTO
1.828
0.209
2
IRQO
2.340
2.937
32
AX3
2.290
0.209
3
AD<3>
2.120
2.937
33
AX4
2.444
0.209
4
AD<2>
1.900
2.937
34
AX5
2.753
0.209
5
AD<1>
1.679
2.937
35
AX2
2.906
0.209
6
AD<0>
1.459
2.937
36
GNDR
3.282
0.209
7
RD_
1.255
2.937
37
VDDS
3.368
0.961
8
WR_
1.051
2.937
38
VDDS
3.368
1.110
9
ALE
0.847
2.937
39
VCCR
3.368
1.272
10
CS_
0.643
2.937
40
VCCS
3.368
1.503
11
VCC
0.496
2.937
41
VCC
3.368
1.674
12
RST_
0.349
2.937
41
VCC
3.368
1.845
13
FTC
0.209
2.468
41
VCC
3.368
2.016
14
TENM
0.209
2.313
41
VCC
3.368
2.761
15
HUNK
0.209
2.006
42
VBAT
3.368
2.952
16
FTA
0.209
1.544
43
VSSD
3.046
2.937
17
FTB
0.209
1.390
44
XTAL1
2.899
2.937
18
SGND
0.209
1.236
19
AGND
0.209
1.082
20
VDDA
0.209
0.935
21
SMV
0.209
0.788
22
SDB
0.209
0.480
23
ADRF
0.209
0.325
24
VSSA
0.449
0.209
25
REFH
0.597
0.209
26
CSFB
0.750
0.209
27
ACB
1.213
0.209
28
ACA
1.366
0.209
29
RCTP
1.521
0.209
30
RCTN
1.674
0.209



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com